Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 198 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 194Page - STMicroelectronics ST10F276Z5 Datasheet HTML 195Page - STMicroelectronics ST10F276Z5 Datasheet HTML 196Page - STMicroelectronics ST10F276Z5 Datasheet HTML 197Page - STMicroelectronics ST10F276Z5 Datasheet HTML 198Page - STMicroelectronics ST10F276Z5 Datasheet HTML 199Page - STMicroelectronics ST10F276Z5 Datasheet HTML 200Page - STMicroelectronics ST10F276Z5 Datasheet HTML 201Page - STMicroelectronics ST10F276Z5 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 239 page
background image
Electrical characteristics
ST10F276Z5
198/239
23.8.3
Clock generation modes
The following table associates the combinations of these 3 bits with the respective clock
generation mode.
23.8.4
Prescaler operation
When pins P0.15-13 (P0H.7-5) equal ‘001’ during reset, the CPU clock is derived from the
internal oscillator (input clock signal) by a 2:1 prescaler.
The frequency of fCPU is half the frequency of fXTAL and the high and low time of fCPU (that
is, the duration of an individual TCL) is defined by the period of the input clock fXTAL.
The timings listed in the AC Characteristics that refer to TCL can therefore be calculated
using the period of fXTAL for any TCL.
Note that if the bit OWDDIS in SYSCON register is cleared, the PLL runs on its free-running
frequency and delivers the clock signal for the Oscillator Watchdog. If bit OWDDIS is set,
then the PLL is switched off.
23.8.5
Direct drive
When pins P0.15-13 (P0H.7-5) equal ‘011’ during reset, the on-chip phase locked loop is
disabled, the on-chip oscillator amplifier is bypassed and the CPU clock is directly driven by
the input clock signal on XTAL1 pin.
The frequency of the CPU clock (fCPU) directly follows the frequency of fXTAL so the high and
low time of fCPU (that is, the duration of an individual TCL) is defined by the duty cycle of the
input clock fXTAL.
Table 97.
On-chip clock generator selections
P0.15-13
(P0H.7-5)
CPU frequency
fCPU = fXTAL x F
External clock input
range (1)(2)
1.
The external clock input range refers to a CPU clock range of 1...64 MHz. Moreover, the PLL usage is
limited to 4-12 MHz input frequency range. All configurations need a crystal (or ceramic resonator) to
generate the CPU clock through the internal oscillator amplifier (apart from Direct Drive); on the contrary,
the clock can be forced through an external clock source only in Direct Drive mode (on-chip oscillator
amplifier disabled, so no crystal or resonator can be used).
2.
The limits on input frequency are 4-12 MHz since the usage of the internal oscillator amplifier is required.
Also, when the PLL is not used and the CPU clock corresponds to FXTAL/2, an external crystal or resonator
must be used: It is not possible to force any clock though an external clock source.
Notes
111FXTAL x 4
4 to 8 MHz
Default configuration
110FXTAL x 3
5.3 to 10.6 MHz
101FXTAL x 8
4 to 8 MHz
100FXTAL x 5
6.4 to 12 MHz
011FXTAL x 1
1 to 64 MHz
Direct Drive (oscillator bypassed) (3)
3.
The maximum depends on the duty cycle of the external clock signal: When 64 MHz is used, 50% duty
cycle shall be granted (low phase = high phase = 7.8 ns); when 32 MHz is selected, a 25% duty cycle can
be accepted (minimum phase, high or low, again equal to 7.8ns).
010FXTAL x 10
4 to 6.4 MHz
001FXTAL / 2
4 to 12 MHz
CPU clock via prescaler (3)
000FXTAL x 16
4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com