Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 228 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 224Page - STMicroelectronics ST10F276Z5 Datasheet HTML 225Page - STMicroelectronics ST10F276Z5 Datasheet HTML 226Page - STMicroelectronics ST10F276Z5 Datasheet HTML 227Page - STMicroelectronics ST10F276Z5 Datasheet HTML 228Page - STMicroelectronics ST10F276Z5 Datasheet HTML 229Page - STMicroelectronics ST10F276Z5 Datasheet HTML 230Page - STMicroelectronics ST10F276Z5 Datasheet HTML 231Page - STMicroelectronics ST10F276Z5 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 239 page
background image
Known limitations
ST10F276Z5
228/239
24
Known limitations
This section describes the functional and electrical limitations identified on the CEG silicon
revision of the ST10F276Z5.
The major revision of the device is contained in the device identification register, IDCHIP,
located at address F07Ch. For Cxx versions, IDCHIP is set to 1143h.
24.1
Functional limitations
The function limitations identified on the ST10F276Z5 are the following:
●
Injected conversion stalling the A/D converter (see Section 24.1.1: Injected conversion
stalling the A/D converter)
●
Concurrent transmission requests in DAR mode (C-CAN module) (see Section 24.1.2:
Concurrent transmission requests in DAR-mode (C-CAN module))
●
Disabling transmission requests (see Section 24.1.3: Disabling the transmission
requests (C-CAN module))
●
Spurious BREQ pulse in slave mode during external bus arbitration phase (see
Section 24.1.4: Spurious BREQ pulse in slave mode during external bus arbitration
phase)
●
Executing PWRDN instructions (see Section 24.1.5: Executing PWRDN instructions)
●
Behavior of capture/compare (CAPCOM) outputs in COMPARE mode 3 (see
Section 24.1.6: Behavior of CAPCOM outputs in COMPARE mode 3)
24.1.1
Injected conversion stalling the A/D converter
Description
The A/D converter is stalled and no further conversions are performed when a new injection
request is issued before the CPU reads the ADDAT2 register (that is when the CPU has not
read the result of the previous injection request).
Workarounds and recovery actions
The following actions allow to unlock the A/D converter:
1.
Read the ADDAT2 register twice at the end of every injected conversion. This action
also prevents the ADC from being stalled.
2.
Disable and then enable again the wait for read mode.
Application conditions
This problem occurs if all the following conditions are fulfilled:
●
Injection requests are hardware triggered (via CapCom CC31).
●
The results of injected conversions are read by performing a PEC transfer. This
prevents from reading twice the ADDAT2 register by software.
●
A high level task is disabling the PEC transfer for a long time (time needed for 2 analog
conversions plus time between 2 injection requests).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com