Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 229 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 229 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 225Page - STMicroelectronics ST10F276Z5 Datasheet HTML 226Page - STMicroelectronics ST10F276Z5 Datasheet HTML 227Page - STMicroelectronics ST10F276Z5 Datasheet HTML 228Page - STMicroelectronics ST10F276Z5 Datasheet HTML 229Page - STMicroelectronics ST10F276Z5 Datasheet HTML 230Page - STMicroelectronics ST10F276Z5 Datasheet HTML 231Page - STMicroelectronics ST10F276Z5 Datasheet HTML 232Page - STMicroelectronics ST10F276Z5 Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 239 page
background image
ST10F276Z5
Known limitations
229/239
Therefore, to prevent the locking situation from occurring, it is important to make sure that
no task can disable interrupts for a period of time during which 2 injection requests can
occur before a read operation is performed.
Detailed analysis
Channel Injection mode allows to convert a specific analog channel without changing the
current operating mode. It can also be used when the A/D converter is running in continuous
or auto scan mode.
The following main points need to be highlighted:
●
The A/D converter must be in Wait for ADDAT read mode in order for the Channel
Injection mode to operate properly.
●
At the end of the injected conversion the data is available in the alternate result register,
ADDAT2, and a Channel Injection Complete Interrupt request is generated (ADEIR
Flag).
●
If the temporary data register used for ADDAT2 read mode is full, the next conversion
(standard or injected) is suspended. The temporary register then stores the content of
ADDAT (standard conversion) or ADDAT2 (injected conversion).
If the temporary data register used for ADDAT2 read mode is full and a new injection request
occurs, then the new converted value is stored into a temporary data register until the
previous one is read from ADDAT2 register.
To ensure correct operation as soon as ADDAT2 register is read, the last converted value
should be moved from temporary register to ADDAT2 and the ADEINT interrupt should be
generated. This allows the CPU to read the last converted value (see Figure 70).
In real circumstances, as soon as the ADDAT2 register is read, the last converted value is
correctly moved from the temporary register to the ADDAT2, but no ADEINT interrupt
request is sent to the Interrupt controller (see Figure 71). As a consequence the CPU/PEC
does not know that a new converted value is available in the ADDAT2 register. When the
next injection request is issued, the A/D converter fills the temporary register again without
generating any ADEINT interrupt request and the converter is stalled. The A/D converter
stays in the “wait for read ADDAT2 register” condition forever.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com