Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 236 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 231Page - STMicroelectronics ST10F276Z5 Datasheet HTML 232Page - STMicroelectronics ST10F276Z5 Datasheet HTML 233Page - STMicroelectronics ST10F276Z5 Datasheet HTML 234Page - STMicroelectronics ST10F276Z5 Datasheet HTML 235Page - STMicroelectronics ST10F276Z5 Datasheet HTML 236Page - STMicroelectronics ST10F276Z5 Datasheet HTML 237Page - STMicroelectronics ST10F276Z5 Datasheet HTML 238Page - STMicroelectronics ST10F276Z5 Datasheet HTML 239Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 236 / 239 page
background image
Package information
ST10F276Z5
236/239
Figure 73.
PQFP144 - 144-pin plastic Quad Flatpack 28 x 28 mm, 0.65 mm pitch,
package outline
Table 112.
PQFP144 - 144-pin Plastic Quad Flatpack 28 x 28 mm, 0.65 mm pitch,
package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded up to 4 decimal places.
Typ
Min
Max
Typ
Min
Max
A
4.070
0.1602
A1
0.250
0.0098
A2
3.420
3.170
3.670
0.1346
0.1248
0.1445
b
0.220
0.380
0.0087
0.0150
C
0.130
0.230
0.0051
0.0091
D
31.200
30.950
31.450
1.2283
1.2185
1.2382
D1
28.000
27.900
28.100
1.1024
1.0984
1.1063
D3
22.750
0.8957
e
0.650
0.0256
E
31.200
30.950
31.450
1.2283
1.2185
1.2382
E1
28.000
27.900
28.100
1.1024
1.0984
1.1063
E3
22.750
0.8957
L
0.800
0.650
0.950
0.0315
0.0256
0.0374
L1
1.600
0.0630
K
0°7°
0°7°
ddd
0.101
0.0040
A
A2
A1
C
36
37
72
73
108
109
144
D3
D1
D
e
1
K
7G_ME
ddd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com