Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 237 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 237 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 231Page - STMicroelectronics ST10F276Z5 Datasheet HTML 232Page - STMicroelectronics ST10F276Z5 Datasheet HTML 233Page - STMicroelectronics ST10F276Z5 Datasheet HTML 234Page - STMicroelectronics ST10F276Z5 Datasheet HTML 235Page - STMicroelectronics ST10F276Z5 Datasheet HTML 236Page - STMicroelectronics ST10F276Z5 Datasheet HTML 237Page - STMicroelectronics ST10F276Z5 Datasheet HTML 238Page - STMicroelectronics ST10F276Z5 Datasheet HTML 239Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 237 / 239 page
background image
ST10F276Z5
Package information
237/239
Figure 74. LQFP144 - 144 pin low profile quad flat package 20x20 mm, 0.5 mm pitch,
package outline
Table 113.
LQFP144 - 144 pin low profile quad flat package 20x20mm, 0.5 mm pitch,
package mechanical data
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and rounded up to 4 decimal places.
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.057
b
0.17
0.22
0.27
0.007
0.011
c
0.09
0.20
0.004
0.008
D
21.80
22.00
22.20
0.858
0.867
0.874
D1
19.80
20.00
20.20
0.780
0.787
0.795
D3
17.50
0.689
E
21.80
22.00
22.20
0.858
0.867
0.874
E1
19.80
20.00
20.20
0.780
0.787
0.795
E3
17.50
0.689
e
0.50
0.020
K
0°3.5°7°
0°
3.5°
7°
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
A
A2
A1
b
c
36
37
72
73
108
109
144
E1
E
D1
D
1
h
b
L
L1
Seating Plane
0.08 mm
.003 in.
e
E3
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com