Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 169Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 170Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 171Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 172Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 173Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 174Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 175Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 176Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 189 page
background image
ST10F272Z2
Electrical characteristics
173/189
1.
RW-delay and tA refer to the next following bus cycle.
2.
Read data are latched with the same clock edge that triggers the address change and the rising RD edge.
Therefore address changes before the end of RD have no impact on read cycles.
3.
Partially tested, guaranteed by design characterization.
t38
CC
ALE falling edge to Latched
CS
– 4 – tA
6 – tA
– 4 – tA
6 – tA
ns
t39
SR
Latched CS low to Valid Data
In
–
16.5 +
+ tC + 2tA
–
3TCL – 21 +
+ tC + 2tA
ns
t41
CC
Latched CS hold after RD,
WR
2 + tF
–
TCL – 10.5 + tF
–ns
t82
CC
Address setup to RdCS,
WrCS
(with RW-delay)
14 + 2tA
–
2TCL – 11 + 2tA
–ns
t83
CC
Address setup to RdCS,
WrCS
(no RW-delay)
2 + 2tA
–
TCL –10.5 + 2tA
–ns
t46
SR
RdCS to Valid Data In
(with RW-delay)
–4 + tC
–
2TCL – 21 + tC
ns
t47
SR
RdCS to Valid Data In
(no RW-delay)
–16.5 + tC
–
3TCL – 21 + tC
ns
t48
CC
RdCS, WrCS Low Time
(with RW-delay)
15.5 + tC
–
2TCL – 9.5 + tC
–ns
t49
CC
RdCS, WrCS Low Time
(no RW-delay)
28 + tC
–
3TCL – 9.5 + tC
–ns
t50
CC
Data valid to WrCS
10 + tC
–
2TCL – 15 + tC
–ns
t51
SR
Data hold after RdCS
0–
0
–
ns
t53
SR
Data float after RdCS
(with RW-delay) 3
–
16.5 + tF
–
2TCL – 8.5 + tF
ns
t68
SR
Data float after RdCS
(no RW-delay) 3
–4 + tF
–
TCL – 8.5 + tF
ns
t55
CC
Address hold after
RdCS, WrCS
– 8.5 + tF
–
– 8.5 + tF
–ns
t57
CC
Data hold after WrCS
2 + tF
–
TCL – 10.5 + tF
–ns
Table 80.
Demultiplexed bus timings (continued)
Symbol
Parameter
FCPU = 40 MHz
TCL = 12.5 ns
Variable CPU Clock
1/2 TCL = 1 to 64 MHz
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com