Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 20Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 21Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 22Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 23Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 24Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 25Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 26Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 27Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 189 page
background image
Memory organization
ST10F272Z2
24/189
(only word accesses are possible). Two waitstates give an access time of 62.5 ns at 64 MHz
CPU clock. No tristate waitstate is used.
I2C: Address range 00’EA00h - 00’EAFFh is reserved for the I2C Module access. The I2C is
enabled by setting XPEN bit 2 of the SYSCON register and bit 9 of the XPERCON register.
Accesses to the I2C Module use demultiplexed addresses and a 16-bit data bus (only word
accesses are possible). Two waitstates give an access time of 62.5 ns at 64 MHz CPU
clock. No tristate waitstate is used.
X-Miscellaneous: Address range 00’EB00h - 00’EBFFh is reserved for the access to a set
of XBUS additional features. They are enabled by setting XPEN bit 2 of the SYSCON
register and bit 10 of the XPERCON register. Accesses to this additional features use
demultiplexed addresses and a 16-bit data bus (only word accesses are possible). Two
waitstates give an access time of 62.5 ns at 64 MHz CPU clock. No tristate waitstate is
used. The following set of features are provided:
●
CLKOUT programmable divider
●
XBUS interrupt management registers
●
ADC multiplexing on P1L register
●
Port1L digital disable register for extra ADC channels
●
CAN2 multiplexing on P4.5/P4.6
●
CAN1-2 main clock prescaler
●
Main Voltage Regulator disable for power-down mode
●
TTL / CMOS threshold selection for Port0, Port1, and Port5.
In order to meet the needs of designs where more memory is required than is provided on
chip, up to 16M Bytes of external memory can be connected to the microcontroller.
Visibility of XBUS peripherals
In order to keep the ST10F272Z2 compatible with the ST10F168 / ST10F269, the XBUS
peripherals can be selected to be visible on the external address / data bus. Different bits for
X-peripheral enabling in XPERCON register must be set. If these bits are cleared before the
global enabling with XPEN bit in SYSCON register, the corresponding address space, port
pins and interrupts are not occupied by the peripherals, thus the peripheral is not visible and
not available. Refer to Chapter 23: Register set on page 113.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com