Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 33Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 34Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 35Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 36Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 37Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 38Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 39Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 40Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 189 page
background image
ST10F272Z2
Internal Flash memory
37/189
5.5
Protection strategy
The protection bits are stored in Non-Volatile Flash cells inside IFLASH module, that are
read once at reset and stored in 4 Volatile registers. Before they are read from the Non-
Volatile cells, all the available protections are forced active during reset.
The protections can be programmed using the Set Protection operation (see Flash Control
Registers paragraph), that can be executed from all the internal or external memories
except from the Flash itself.
Two kind of protections are available: write protections to avoid unwanted writings and
access protections to avoid piracy. In next paragraphs all different level of protections are
shown, and architecture limitations are highlighted as well.
5.5.1
Protection registers
The 4 Non-Volatile Protection Registers are one time programmable for the user.
One register (FNVWPIR) is used to store the Write Protection fuses respectively for each
sector IFLASH module. The other three Registers (FNVAPR0 and FNVAPR1L/H) are used
to store the Access Protection fuses.
5.5.2
Flash non-volatile write protection I register
FNVWPIR (0x08 DFB0)
NVR
Reset value: FFFFh
15
14
13
12
11
10
987
65432
10
reserved
W0P7W0P6W0P5W0P4W0P3W0P2W0P1W0P0
RW
RW
RW
RW
RW
RW
RW
RW
Table 20.
Flash non-volatile write protection I register
Bit
Function
W0P(9:0)
Write Protection Bank 0 / Sectors 9-0 (IFLASH)
These bits, if programmed at 0, disable any write access to the sectors of Bank 0
(IFLASH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com