Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 28Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 29Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 30Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 31Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 32Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 33Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 34Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 35Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 189 page
background image
Internal Flash memory
ST10F272Z2
32/189
5.4.3
Flash control register 1 low
The Flash Control Register 1 Low (FCR1L), together with Flash Control Register 1 High
(FCR1H), is used to select the Sectors to Erase, or during any write operation to monitor the
status of each Sector and Bank.
SUSP
Suspend
This bit must be set to suspend the current Program (Word or Double Word) or
Sector Erase operation in order to read data in one of the Sectors of the Bank
under modification or to program data in another Bank. The Suspend operation
resets the Flash Bank to normal read mode (automatically resetting bit BSY0).
When in Program Suspend, the Flash module accepts only the following
operations: Read and Program Resume. When in Erase Suspend the module
accepts only the following operations: Read, Erase Resume and Program (Word
or Double Word; Program operations cannot be suspended during Erase
Suspend). To resume a suspended operation, the WMS bit must be set again,
together with the selection bit corresponding to the operation to resume (WPG,
DWPG, SER).
Note: It is forbidden to start a new Write operation with bit SUSP already set.
WMS
Write Mode Start
This bit must be set to start every write operation in the Flash module. At the end
of the write operation or during a Suspend, this bit is automatically reset. To
resume a suspended operation, this bit must be set again. It is forbidden to set this
bit if bit ERR of FER is high (the operation is not accepted). It is also forbidden to
start a new write (program or erase) operation (by setting WMS high) when bit
SUSP of FCR0 is high. Resetting this bit by software has no effect.
Table 9.
Flash control register 0 high (continued)
Bit
Function
FCR1L (0x08 0004)
FCR
Reset value:
0000h
15
14
13
12
11
10
987
65432
10
reserved
B0F7 B0F6 B0F5 B0F4 B0F3 B0F2 B0F1 B0F0
RS
RS
RS
RS
RS
RS
RS
RS
Table 10.
Flash control register 1 low
Bit
Function
B0F(7:0)
Bank 0 IFLASH Sector 9:0 Status
These bits must be set during a Sector Erase operation to select the sectors to
erase in Bank 0. Besides, during any erase operation, these bits are automatically
set and give the status of the 8 sectors of Bank 0 (B0F7-B0F0). The meaning of
B0Fy bit for Sector y of Bank 0 is given by the next Table 4 Banks (BxS) and
Sectors (BxFy) Status bits meaning. These bits are automatically reset at the end
of a Write operation if no errors are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com