Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 38Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 39Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 40Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 41Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 42Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 43Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 44Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 45Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 189 page
background image
Internal Flash memory
ST10F272Z2
42/189
5.6
Write operation examples
In the following, examples for each kind of Flash write operation are presented.
Note:
The write operation commands must be executed from another memory (internal RAM or
external memory), as in ST10F269 device. In fact, due to IBus characteristics, it is not
possible to perform write operation in Flash while fetching code from Flash.
Moreover, direct addressing is not allowed for write accesses to IFlash control registers.
This means that both address and data for a writing operation must be loaded in one of
ST10 GPR register (R0...R15).
Write operation on IBus registers is 16 bit wide.
Example of indirect addressing mode
MOV
RWm, #ADDRESS;
/*Load Add in RWm*/
MOV
RWn, #DATA;
/*Load Data in RWn*/
MOV
[RWm], RWn;
/*Indirect addressing*/
Word program
Example: 32-bit Word Program of data 0xAAAAAAAA at address 0x025554
FCR0H|= 0x2000;
/*Set WPG in FCR0H*/
FARL
= 0x5554;
/*Load Add in FARL*/
FARH
= 0x0002;
/*Load Add in FARH*/
FDR0L = 0xAAAA;
/*Load Data in FDR0L*/
FDR0H = 0xAAAA;
/*Load Data in FDR0H*/
FCR0H|= 0x8000;
/*Operation start*/
Double word program
Example: Double Word Program (64-bit) of data 0x55AA55AA at address 0x035558 and
data 0xAA55AA55 at address 0x03555C in IFLASH Module.
FCR0H
|= 0x1000;
/*Set DWPG/
FARL
= 0x5558;
/*Load Add in FARL*/
FARH
= 0x0003;
/*Load Add in FARH*/
FDR0L
= 0x55AA;
/*Load Data in FDR0L*/
FDR0H
= 0x55AA;
/*Load Data in FDR0H*/
FDR1L
= 0xAA55;
/*Load Data in FDR1L*/
FDR1H
= 0xAA55;
/*Load Data in FDR1H*/
FCR0H
|= 0x8000;
/*Operation start*/
Double Word Program is always performed on the Double Word aligned on a even Word: bit
ADD2 of FARL is ignored.
Sector erase
Example: Sector Erase of sectors B0F1 and B0F0 of Bank 0 in IFLASH Module.
FCR0H
|= 0x0800;
/*Set SER in FCR0H*/
FCR1L
|= 0x0003;
/*Set B0F1, B0F0*/
FCR0H
|= 0x8000;
/*Operation start*/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com