Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 40Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 41Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 42Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 43Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 44Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 45Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 46Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 47Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 189 page
background image
Internal Flash memory
ST10F272Z2
44/189
A Sector Erase can be suspended by setting SUSP bit.
●
To perform a Word Program operation during Erase Suspend, firstly bits SUSP and
SER must be reset, then bit WPG and WMS can be set.
●
To resume the Sector Erase operation bit SER must be set again.
●
In any case it is forbidden to start any write operation with SUSP bit already set.
Set protection
Example 1: Enable Write Protection of sectors B0F3-0 of Bank 0 in IFLASH module.
FCR0H
|= 0x0100;
/*Set SPR in FCR0H*/
FARL
= 0xDFB4;
/*Load Add of register FNVWPIR in FARL*/
FARH
= 0x0008;
/*Load Add of register FNVWPIR in FARH*/
FDR0L
= 0xFFF0;
/*Load Data in FDR0L*/
FDR0H
= 0xFFFF;
/*Load Data in FDR0H*/
FCR0H
|= 0x8000;
/*Operation start*/
Example 2: Enable Access and Debug Protection.
FCR0H
|= 0x0100;
/*Set SPR in FCR0H*/
FARL
= 0xDFB8;
/*Load Add of register FNVAPR0 in FARL*/
FARH
= 0x0008;
/*Load Add of register FNVAPR0 in FARH*/
FDR0L
= 0xFFFC;
/*Load Data in FDR0L*/
FCR0H
|= 0x8000;
/*Operation start*/
Example 3: Disable in a permanent way Access and Debug Protection.
XFVTAUR0
= 0x0001;
/*Set TAUB in XFVTAUR0*/
FCR0H
|= 0x0100;
/*Set SPR in FCR0H*/
FARL
= 0xDFBC;
/*Load Add of register FNVAPR1L in FARL*/
FARH
= 0x0008;
/*Load Add of register FNVAPR1L in FARH*/
FDR0L
= 0xFFFE;
/*Load Data in FDR0L for clearing PDS0*/
FCR0H
|= 0x8000;
/*Operation start*/
Example 4: Enable again in a permanent way Access and Debug Protection, after having
disabled them.
XFVTAUR0
= 0x0001;
/*Set TAUB in XFVTAUR0*/
FCR0H
|= 0x0100;
/*Set SPR in FCR0H*/
FARL
= 0xDFBC;
/*Load Add register FNVAPR1H in FARL*/
FARH
= 0x0008;
/*Load Add register FNVAPR1H in FARH*/
FDR0H
= 0xFFFE;
/*Load Data in FDR0H for clearing
PEN0*/
FCR0H
|= 0x8000;
/*Operation start*/
XFVTAUR0
= 0x0000;
/*Reset TAUB in XFVTAUR0*/
Disable and re-enable of Access and Debug Protection in a permanent way (as shown by
examples 3 and 4) can be done for a maximum of 16 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com