Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 42Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 43Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 44Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 45Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 46Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 47Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 48Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 49Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 189 page
background image
Bootstrap loader
ST10F272Z2
46/189
6
Bootstrap loader
ST10F272Z2 implements Boot capabilities in order to:
●
Support bootstrap via UART or bootstrap via CAN for the standard bootstrap.
●
Support a Selective Bootstrap Loader, to manage the bootstrap sequence in a different
way.
6.1
Selection among user-code, standard or selective bootstrap
The boot modes are triggered with a special combination set on Port0L[5...4]. Those
signals, as other configuration signals, are latched on the rising edge of RSTIN pin.
●
Decoding of reset configuration (P0L.5 = 1, P0L.4 = 1) will select the normal mode
(also called User Mode) and select the user Flash to be mapped from address
00’0000h.
●
Decoding of reset configuration (P0L.5 = 1, P0L.4 = 0) will select ST10 standard
bootstrap mode (Test-Flash is active and overlaps user Flash for code fetches from
address 00'0000h; user Flash is active and available for read accesses).
●
Decoding of reset configuration (P0L.5 = 0, P0L.4 = 1) will activate new verifications to
select which bootstrap software to execute:
–
if the User mode signature in the User Flash is programmed correctly, then a
software reset sequence is selected and the User code is executed;
–
if the User mode signature is not programmed correctly in the user Flash, then the
User key location is read again. Its value will determine which communication
channel will be enabled for bootstraping
.
6.2
Standard bootstrap loader
After entering the standard BSL mode and the respective initialization, the ST10F272Z2
scans the RxD0 line and the CAN1_RxD line to receive either a valid dominant bit from CAN
interface, or a start condition from UART line.
Start condition on UART RxD: ST10F272Z2 starts standard bootstrap loader. This
bootstrap loader is identical to other ST10 devices (example: ST10F269, ST10F168).
Valid dominant bit on CAN1 RxD: ST10F272Z2 start bootstrapping via CAN1.
Table 26.
ST10F272Z2 boot mode selection
P0.5
P0.4
ST10 decoding
11
User Mode: user Flash mapped at 00’0000h
10
Standard Bootstrap Loader: User Flash mapped from 00’0000h, code fetches
redirected to Test-Flash at 00’0000h
01
Selective Boot Mode: User Flash mapped from 00’0000h, code fetches
redirected to Test-Flash at 00’0000h (different sequence execution in respect of
Standard Bootstrap Loader)
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com