Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 176Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 177Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 178Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 179Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 180Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 181Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 182Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 183Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 189 page
background image
Electrical characteristics
ST10F272Z2
180/189
25.8.19
External bus arbitration
VDD = 5 V
± 10%, V
SS = 0 V, TA = -40 to +125 °C, CL = 50 pF
1.
Partially tested, guaranteed by design characterization.
Figure 62.
External bus arbitration (releasing the bus)
1.
The ST10F272Z2 will complete the currently running bus cycle before granting bus access.
2.
This is the first possibility for BREQ to become active.
3.
The CS outputs will be resistive high (pull-up) after t64.
Table 82.
External bus arbitration timings
Symbol
Parameter
FCPU = 40 MHz
TCL = 12.5 ns
Variable CPU Clock
1/2 TCL = 1 to 64 MHz
min.
max.
min.
max.
t61
SR
HOLD input setup time
to CLKOUT
18.5–18.5–
ns
t62
CC
CLKOUT to HLDA high
or BREQ low delay
–
12.5
–
12.5
ns
t63
CC
CLKOUT to HLDA low
or BREQ high delay
–
12.5
–
12.5
ns
t64
CC
CSx release 1)
–20
–
20
ns
t65
CC
CSx drive
– 415– 415
ns
t66
CC
Other signals release 1)
–20
–
20
ns
t67
CC
Other signals drive
– 4
15
– 4
15
ns
t61
t63
t66
1)
t64
1)
2)
t62
3)
CLKOUT
HOLD
HLDA
BREQ
Others
CSx
(P6.x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com