Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82RMY6F Datasheet(PDF) 53 Page - STMicroelectronics

Part # M41T82RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82RMY6F Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M41T82RMY6F Datasheet HTML 49Page - STMicroelectronics M41T82RMY6F Datasheet HTML 50Page - STMicroelectronics M41T82RMY6F Datasheet HTML 51Page - STMicroelectronics M41T82RMY6F Datasheet HTML 52Page - STMicroelectronics M41T82RMY6F Datasheet HTML 53Page - STMicroelectronics M41T82RMY6F Datasheet HTML 54Page - STMicroelectronics M41T82RMY6F Datasheet HTML 55Page - STMicroelectronics M41T82RMY6F Datasheet HTML 56Page - STMicroelectronics M41T82RMY6F Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
M41T82-M41T83
Package mechanical data
Doc ID 12578 Rev 12
53/61
Figure 28.
QFN16 – 16-lead, quad, flat package, no lead, 4 x 4 mm body size outline
Note:
Drawing is not to scale.
A3
A
A1
e
b
D2
E2
L
E
D
1
2
ddd
3
QFN16-A
C
Table 27.
QFN16 – 16-lead, quad, flat package, no lead, 4 x 4 mm pack. mech. data
Sym
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.90
0.80
1.00
0.035
0.031
0.039
A1
0.02
0.00
0.05
0.001
0.000
0.002
A3
0.20
–
–
0.008
–
–
b
0.30
0.25
0.35
0.012
0.010
0.014
D
4.00
3.90
4.10
0.157
0.154
0.161
D2
–
2.50
2.80
–
0.098
0.110
E
4.00
3.90
4.10
0.157
0.154
0.161
E2
–
2.50
2.80
–
0.098
0.110
e0.65–
–
0.026
–
–
L
0.40
0.30
0.50
0.016
0.012
0.020
ddd
–
0.08
–
–
0.003
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com