Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82RMY6F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T82RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82RMY6F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T82RMY6F Datasheet HTML 19Page - STMicroelectronics M41T82RMY6F Datasheet HTML 20Page - STMicroelectronics M41T82RMY6F Datasheet HTML 21Page - STMicroelectronics M41T82RMY6F Datasheet HTML 22Page - STMicroelectronics M41T82RMY6F Datasheet HTML 23Page - STMicroelectronics M41T82RMY6F Datasheet HTML 24Page - STMicroelectronics M41T82RMY6F Datasheet HTML 25Page - STMicroelectronics M41T82RMY6F Datasheet HTML 26Page - STMicroelectronics M41T82RMY6F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
M41T82-M41T83
Clock operation
Doc ID 12578 Rev 12
23/61
Table 4.
M41T83 clock/control register map (32 bytes)(1)
1.
See Table 5: Key to Table 4: M41T83 clock/control register map (32 bytes).
Addr
Function/range BCD
format
D7
D6
D5
D4
D3
D2
D1
D0
00h
0.1 seconds
0.01 seconds
seconds
00-99
01h
ST
10 seconds
seconds
seconds
00-59
02h
0
10 minutes
Minutes
Minutes
00-59
03h
CB1
CB0
10 hours
Hours (24 hour format)
Century/hours
0-3/00-23
04h
0
0
0
0
0
Day of week
Day
01-7
05h
0
0
10 date
Date: day of month
Date
01-31
06h
0
0
0
10M
Month
Month
01-12
07h
10 years
Year
Year
00-99
08h
OUT
FT
DCS
DC4
DC3
DC2
DC1
DC0
Digital calibration
09h
OFIE
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
0Ah
A1IE
SQWE
ABE
Al1
10M
Alarm 1month
Al1 month
01-12
0Bh
RPT14
RPT15
AI1 10 date
Alarm1 date
Al1 date
01-31
0Ch
RPT13
HT
AI1 10 hour
Alarm1 hour
Al1 hour
00-23
0Dh
RPT12
Alarm1 10 minutes
Alarm1 minutes
Al1 min
00-59
0Eh
RPT11
Alarm1 10 seconds
Alarm1 seconds
Al1 sec
00-59
0Fh
WDF
AF1
AF2(2)
2.
AF2 will always read 0, if the AL2E bit is set to 0.
BL
TF
OF
0
0
Flags
10h
Timer countdown value
Timer value
11h
TE
TI/TP
TIE
0
0
0
TD1
TD0
Timer control
12h
ACS
AC6
AC5
AC4
AC3
AC2
AC1
AC0
Analog
calibration
13h
RS3
RS2
RS1
RS0
0
0
AL2E
OTP
SQW
14h
A2IE
0(3)
3.
As indicated in Table 5, the 0 bits should be written to 0. But in the case of these three bits, when AL2E is 0, registers
14-18h are SRAM locations and these bits become SRAM cells which are thus excluded from that restriction.
0(3)
Al2
10M
Alarm2 month
SRAM/Al2 month
01-12
15h
RPT24
RPT25
AI2 10 date
Alarm2 date
SRAM/Al2 date
01-31
16h
RPT23
0(3)
AI2 10 hour
Alarm2 hour
SRAM/Al2 hour
00-23
17h
RPT22
Alarm2 10 minutes
Alarm2 minutes
SRAM/Al2 min
00-59
18h
RPT21
Alarm2 10 seconds
Alarm2 seconds
SRAM/Al2 sec
00-59
19h-
1Fh
User SRAM (7 bytes)
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com