Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82RMY6F Datasheet(PDF) 39 Page - STMicroelectronics

Part # M41T82RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82RMY6F Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M41T82RMY6F Datasheet HTML 35Page - STMicroelectronics M41T82RMY6F Datasheet HTML 36Page - STMicroelectronics M41T82RMY6F Datasheet HTML 37Page - STMicroelectronics M41T82RMY6F Datasheet HTML 38Page - STMicroelectronics M41T82RMY6F Datasheet HTML 39Page - STMicroelectronics M41T82RMY6F Datasheet HTML 40Page - STMicroelectronics M41T82RMY6F Datasheet HTML 41Page - STMicroelectronics M41T82RMY6F Datasheet HTML 42Page - STMicroelectronics M41T82RMY6F Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
M41T82-M41T83
Clock operation
Doc ID 12578 Rev 12
39/61
3.10
Battery low warning
The M41T8x automatically checks the battery each time VCC powers up and each time the
clock rolls over at midnight.
VBAT is compared to VBL (approximately 2.5 V), then the battery low (BL) bit, D4 of flags
register 0Fh, is set if the battery voltage is found to be less than VBL. Similarly, if VBAT is
greater than VBL, the BL bit is cleared during battery check.
The BL bit retains its state until the next battery check occurs. This means the BL bit will not
clear immediately upon battery replacement, but only after the next battery check occurs at
the next power-up or midnight rollover.
If a battery low is generated during a power-up sequence, this indicates that the battery is
below approximately 2.5 volts and may not be able to maintain data integrity. Clock data
should be considered suspect and verified as correct. A fresh battery should be installed.
If a battery low indication is generated during the 24-hour interval check, this indicates that
the battery is near end of life. However, data is not compromised due to the fact that a
nominal VCC is supplied. In order to ensure data integrity during subsequent periods of
battery backup mode, the battery should be replaced.
Midnight rollover check
As shown in Figure 22, during the midnight rollover check, the M41T8x applies a load to the
battery, then compares VBAT to VBL and updates the BL bit accordingly. Because a load is
present, an open condition on the VBAT pin will result in the BL bit being set. After the check
is performed, the RTC removes the load.
Power-up battery check
During the power-up check, no load is applied to the battery under the assumption the
battery has already been stressed to its working level by having powered the RTC in backup
mode. If no battery is present, VBAT will be floating and the battery check result will be
indeterminate.
Figure 22.
Battery check
V
BAT
V
BL=2.5V
Only at
rollover
BL
FF
Q
S
R
At power-up
and at rollover
RL
AM03009v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com