Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82RMY6F Datasheet(PDF) 29 Page - STMicroelectronics

Part # M41T82RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82RMY6F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M41T82RMY6F Datasheet HTML 25Page - STMicroelectronics M41T82RMY6F Datasheet HTML 26Page - STMicroelectronics M41T82RMY6F Datasheet HTML 27Page - STMicroelectronics M41T82RMY6F Datasheet HTML 28Page - STMicroelectronics M41T82RMY6F Datasheet HTML 29Page - STMicroelectronics M41T82RMY6F Datasheet HTML 30Page - STMicroelectronics M41T82RMY6F Datasheet HTML 31Page - STMicroelectronics M41T82RMY6F Datasheet HTML 32Page - STMicroelectronics M41T82RMY6F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
M41T82-M41T83
Clock operation
Doc ID 12578 Rev 12
29/61
3.4.2
Analog calibration (programmable load capacitance)
A second method of calibration employs the use of programmable internal load capacitors to
adjust (or trim) the oscillator frequency. As discussed in Section 3.4.1, the 512 Hz frequency
test output can be used to determine the amount of frequency error in the oscillator.
Changes in the analog calibration value will affect the frequency test output, thus the user
can immediately see the effects of these changes (see Section 3.14 on page 41 for more
information on enabling the FT output).
By design, the oscillator is intended to be 0 ppm ± crystal accuracy at room temperature
(25 °C, see Figure 17 on page 30). For a 12.5 pF crystal, the default loading on each side of
the crystal will be 25 pF. For incrementing or decrementing the calibration value,
capacitance will be added or removed in increments of 0.25 pF to each side of the crystal.
Internally, CLOAD of the oscillator is changed via two digitally controlled capacitors, CXI and
CXO, connected from the XI and XO pins to ground (see Figure 16 on page 25). The
effective on-chip series load capacitance, CLOAD, ranges from 3.5 pF to 17.4 pF, with a
nominal value of 12.5 pF (AC0 – AC6 = 0).
The effective series load capacitance (CLOAD) is the combination of CXI and CXO:
Seven analog calibration bits, AC0 to AC6, are provided in order to adjust the on-chip load
capacitance value for frequency compensation of the RTC. Each bit has a different weight
for capacitance adjustment. An analog calibration sign (ACS) bit determines if capacitance
is added (ACS bit = 0, negative calibration) or removed (ACS bit = 1, positive calibration).
The majority of the calibration adjustment is positive (i.e. to increase the oscillator frequency
by removing capacitance) due to the typical characteristic of quartz crystals to slow down
due to changes in temperature, but negative calibration is also available.
Since the analog calibration register adjustment is essentially pulling the frequency of the
oscillator, the resulting frequency changes will not be linear with incremental capacitance
changes. The equations which govern this mechanism indicate that smaller capacitor values
of analog calibration adjustment will provide larger increments. Thus, the larger values of
analog calibration adjustment will produce smaller incremental frequency changes. These
values typically vary from 6-10 ppm/bit at the low end to <1 ppm/bit at the highest
capacitance settings. The range provided by the analog calibration register adjustment with
a typical surface mount crystal is approximately ±30 ppm around the AC6-AC0 = 0 default
setting because of this property (see Table 7 on page 30).
Pre-programmed calibration value
Users of the M41T83 in the embedded crystal package have the option of using the factory
programmed analog calibration value (refer to Section 3.17: OTP bit operation (M41T83 in
SOX18 package only) on page 45).
C
LOAD
11 C
XI
⁄
1C
XO
⁄
+
()
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com