Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82RMY6F Datasheet(PDF) 45 Page - STMicroelectronics

Part # M41T82RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82RMY6F Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M41T82RMY6F Datasheet HTML 41Page - STMicroelectronics M41T82RMY6F Datasheet HTML 42Page - STMicroelectronics M41T82RMY6F Datasheet HTML 43Page - STMicroelectronics M41T82RMY6F Datasheet HTML 44Page - STMicroelectronics M41T82RMY6F Datasheet HTML 45Page - STMicroelectronics M41T82RMY6F Datasheet HTML 46Page - STMicroelectronics M41T82RMY6F Datasheet HTML 47Page - STMicroelectronics M41T82RMY6F Datasheet HTML 48Page - STMicroelectronics M41T82RMY6F Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
M41T82-M41T83
Clock operation
Doc ID 12578 Rev 12
45/61
3.17
OTP bit operation (M41T83 in SOX18 package only)
When the OTP (one time programmable) bit is set to a '1,' the value in the internal OTP
registers will be transferred to the analog calibration register (12h) and are “Read only.” The
OTP value is programmed by the manufacturer, and will contain the calibration value
necessary to achieve ±5 ppm at room temperature after two SMT reflows. This clock
accuracy can then be guaranteed to drift no more than ±3 ppm the first year, and ±1 ppm for
each following year due to crystal aging.
If the OTP bit is set to 0, the analog calibration register will become a WRITE/READ register
and function like standard SRAM memory cells, allowing the user to implement any desired
value of analog calibration.
When the user sets the OTP bit, they need to wait for approximately 8 ms before the analog
registers transfer the value from the OTP to the analog registers due to the OTP read
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com