Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T82RMY6F Datasheet(PDF) 30 Page - STMicroelectronics

Part # M41T82RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82RMY6F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M41T82RMY6F Datasheet HTML 26Page - STMicroelectronics M41T82RMY6F Datasheet HTML 27Page - STMicroelectronics M41T82RMY6F Datasheet HTML 28Page - STMicroelectronics M41T82RMY6F Datasheet HTML 29Page - STMicroelectronics M41T82RMY6F Datasheet HTML 30Page - STMicroelectronics M41T82RMY6F Datasheet HTML 31Page - STMicroelectronics M41T82RMY6F Datasheet HTML 32Page - STMicroelectronics M41T82RMY6F Datasheet HTML 33Page - STMicroelectronics M41T82RMY6F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
Clock operation
M41T82-M41T83
30/61
Doc ID 12578 Rev 12
Figure 17.
Crystal accuracy across temperature
Table 7.
Analog calibration values
Addr
Analog
calibration
value
D7
D6
D5
D4
D3
D2
D1
D0
CXI, CXO
CLOAD
(1)
1.
CLOAD = 1/(1/CXI + 1/CXO).
ACS
(±)
AC6
(16 pF)
AC5
(8 pF)
AC4
(4 pF)
AC3
(2 pF)
AC2
(1 pF)
AC1
(0.5 pF)
AC0
(0.25 pF)
½(CXI, CXO)
12h
0 pF
x
0
0
0
0
0
0
0
25 pF
12.5 pF
3 pF
0
0
0
0
1
1
0
0
28 pF
14 pF
5 pF
0
0
0
1
0
1
0
0
30 pF
15 pF
–7 pF
1
0
0
1
1
1
0
0
18 pF
9 pF
9.75 pF(2)
2.
Maximum negative calibration value.
0
0
1
0
0
1
1
1
34.75 pF
17.4 pF
–18 pF(3)
3.
Maximum positive calibration value.
1
1
0
0
1
0
0
0
7 pF
3.5 pF
AI07888
–160
010
20
3040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C2 ± 0.006 ppm/°C2
K
ΔF
= K x (T – T
O)
2
F
T
O = 25°C ± 5°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com