Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T83RMY6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T83RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RMY6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T83RMY6F Datasheet HTML 13Page - STMicroelectronics M41T83RMY6F Datasheet HTML 14Page - STMicroelectronics M41T83RMY6F Datasheet HTML 15Page - STMicroelectronics M41T83RMY6F Datasheet HTML 16Page - STMicroelectronics M41T83RMY6F Datasheet HTML 17Page - STMicroelectronics M41T83RMY6F Datasheet HTML 18Page - STMicroelectronics M41T83RMY6F Datasheet HTML 19Page - STMicroelectronics M41T83RMY6F Datasheet HTML 20Page - STMicroelectronics M41T83RMY6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
M41T82-M41T83
Operation
Doc ID 12578 Rev 12
17/61
2.3
Write mode
In this mode the master transmitter transmits to the M41T8x slave receiver. Bus protocol is
shown in Figure 15. Following the START condition and slave address, a logic 0 (R/W = 0) is
placed on the bus and indicates to the addressed device that word address “An” will follow
and is to be written to the on-chip address pointer. The data word to be written to the
memory is strobed in next and the internal address pointer is incremented to the next
address location on the reception of an acknowledge clock. The M41T8x slave receiver will
send an acknowledge clock to the master transmitter after it has received the slave address
see Figure 12 on page 15 and again after it has received the word address and each data
byte.
Figure 15.
Write mode sequence
As in the case of reading, some registers and memory locations are written directly, but the
RTC counters are written via a set of eight buffer/transfer registers at addresses 00h to 07h.
The user will write the date and time information sequentially, and then, at the end of the I2C
write cycle or when the address pointer increments beyond 07h, the buffer/transfer registers
will be copied into the RTC counters. All the time parameters - fractions, seconds, minutes,
hours, day, date, month, year, and century bits - are copied simultaneously.
Whatever value is in the buffer/transfer registers will be copied to the counters, so if the user
only changes one of the eight bytes, the remaining seven bytes will receive the unchanged
contents of the buffer/transfer registers, which will contain whatever was in the counters at
the start of the write access.
For example, if the user starts a write cycle on Monday, November 16, 2009, at 17:52:27.03,
and writes a 22 to the minutes registers, the value Monday, November 16, 2009,
17:52:22.03 will be written back into the counters. At the start of the write cycle, the eight
bytes of counters were copied into the buffer/transfer registers. Then, the seconds register
was overwritten. Finally, the eight bytes were copied back into the counters with the result
that the seconds value was changed.
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com