Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T83RMY6F Datasheet(PDF) 49 Page - STMicroelectronics

Part # M41T83RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RMY6F Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M41T83RMY6F Datasheet HTML 45Page - STMicroelectronics M41T83RMY6F Datasheet HTML 46Page - STMicroelectronics M41T83RMY6F Datasheet HTML 47Page - STMicroelectronics M41T83RMY6F Datasheet HTML 48Page - STMicroelectronics M41T83RMY6F Datasheet HTML 49Page - STMicroelectronics M41T83RMY6F Datasheet HTML 50Page - STMicroelectronics M41T83RMY6F Datasheet HTML 51Page - STMicroelectronics M41T83RMY6F Datasheet HTML 52Page - STMicroelectronics M41T83RMY6F Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
M41T82-M41T83
DC and AC parameters
Doc ID 12578 Rev 12
49/61
Figure 25.
ICC2 vs. temperature
Table 23.
Crystal electrical characteristics
Symbol
Parameter(1)(2)
1.
Externally supplied if using the QFN16 or SO8 package. STMicroelectronics recommends the Citizen CFS-
145 (1.5 x 5 mm) and the KDS DT-38 (3 x 8 mm) for thru-hole, or the KDS DMX-26S (3.2 x 8 mm) or Micro
Crystal MS3V-T1R (1.5 x 5 mm) for surface-mount, tuning fork-type quartz crystals. For contact
information, see Section 8: References on page 59.
2.
Load capacitors are integrated within the M41T8x. Circuit board layout considerations for the 32.768 kHz
crystal of minimum trace lengths and isolation from RF generating signals should be taken into account.
Min
Typ
Max
Units
fO
Resonant frequency
32.768
kHz
RS
Series resistance
65(3)
3.
Guaranteed by design.
k
Ω
CL
Load capacitance
12.5
pF
Table 24.
Oscillator characteristics
Symbol
Parameter(1)(2)
1.
With default analog calibration value ( = 0)
2.
Reference value
Conditions
Min
Typ
Max
Units
VSTA
Oscillator start voltage
≤ 4 s
2.0
V
tSTA
Oscillator start time
VCC = VSO
1s
CXI, CXO
(1)
Capacitor input, capacitor output
25
pF
IC-to-IC frequency variation(2)(3)
3.
TA = 25 °C, VCC = 5.0 V
–10
+10
ppm
ai 13909
2.000
3.000
4.000
5.000
6.000
7.000
8.000
9.000
10.000
-40
-20
0
20
40
60
80
Temperature (°C)
(3.0V)
(5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com