Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T83RMY6F Datasheet(PDF) 42 Page - STMicroelectronics

Part # M41T83RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RMY6F Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M41T83RMY6F Datasheet HTML 38Page - STMicroelectronics M41T83RMY6F Datasheet HTML 39Page - STMicroelectronics M41T83RMY6F Datasheet HTML 40Page - STMicroelectronics M41T83RMY6F Datasheet HTML 41Page - STMicroelectronics M41T83RMY6F Datasheet HTML 42Page - STMicroelectronics M41T83RMY6F Datasheet HTML 43Page - STMicroelectronics M41T83RMY6F Datasheet HTML 44Page - STMicroelectronics M41T83RMY6F Datasheet HTML 45Page - STMicroelectronics M41T83RMY6F Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
Clock operation
M41T82-M41T83
42/61
Doc ID 12578 Rev 12
The timer, oscillator fail detect circuit, alarm 1, and watchdog are ORed together as the
primary interrupt sources. The frequency test signal, FT, is used to enable a 512 Hz output
on the IRQ1/FT/OUT pin for calibrating the RTC. When not used as an interrupt or
frequency test output, the pin can be used as a discrete logic output controlled by the OUT
bit. The ABE bit is used to enable interrupts during backup mode.
Operating on VCC, all four interrupt sources are available. During backup, the timer and
watchdog are disabled, and the only interrupt sources are alarm 1 and the oscillator fail
detect circuit.
3.14.1
Active mode operation on VCC
On VCC, the operation of the output circuit is as shown in Table 15.
When OUT is 0 and FT is 0, the pin will be 0 regardless of whether any interrupts are
enabled.
When FT is a 1, the 512 Hz signal will be output if OUT is 0 or if no interrupts are enabled.
The interrupt sources control the pin when OUT is 1 and one or more of the interrupts are
enabled.
If OUT is 1, FT is 0 and no interrupts are enabled, then the pin will be 1.
Table 15.
Priority for IRQ1/FT/OUT pin when operating on VCC
OUT(1)
FT(2)
A1IE(3)
+ OFIE(4)
+ TIE(5)
+ watchdog(6)
running
Pin
Comment
00
x
0
When OUT is 0 and FT is not enabled, OUT dominates
and none of the interrupt sources have any effect.
01
x
512 Hz
When FT = 1 and OUT = 1 and no interrupts are enabled,
the output will be the 512 Hz frequency test (FT) signal.
x1
0
1x
1
IRQ
When one or more interrupts are enabled, and OUT is a 1,
the pin stays high until one of the interrupts is asserted.
10
0
1
When OUT is 1, FT is 0 and no interrupts are enabled, the
pin is high.
1.
OUT is bit 7 of register 08h (digital calibration).
2.
FT is bit 6 of register 08h (digital calibration).
3.
A1IE is bit 7 of register 0Ah (alarm 1, month).
4.
OFIE is bit 7 of register 09h (watchdog).
5.
TIE is bit 5 of register 11h (timer control).
6.
The watchdog is controlled by register 09h (watchdog).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com