Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T83RMY6F Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T83RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RMY6F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T83RMY6F Datasheet HTML 16Page - STMicroelectronics M41T83RMY6F Datasheet HTML 17Page - STMicroelectronics M41T83RMY6F Datasheet HTML 18Page - STMicroelectronics M41T83RMY6F Datasheet HTML 19Page - STMicroelectronics M41T83RMY6F Datasheet HTML 20Page - STMicroelectronics M41T83RMY6F Datasheet HTML 21Page - STMicroelectronics M41T83RMY6F Datasheet HTML 22Page - STMicroelectronics M41T83RMY6F Datasheet HTML 23Page - STMicroelectronics M41T83RMY6F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
Clock operation
M41T82-M41T83
20/61
Doc ID 12578 Rev 12
3.1
Power-down time-stamp
When a power failure occurs, the time/date counters are copied into the buffer/transfer
registers and the halt update bit (HT) is automatically set to a "1". The HT bit prevents the
normal copying from counters to registers which occurs at the start of a read or write cycle.
Thus, upon power-up, the user can read the RTC registers to ascertain the time of power-
down. Additional reads will return the same time. It will appear to be frozen until the HT bit
(D6, address 0Ch) is written to 0 by the user. Then, subsequent reads will then return the
current time. For more information, see application notes AN1572 and AN3060.
Note:
Writes to the RTC registers (addresses 00h to 07h) with the HT bit set can cause time
corruption. Example: Assume a power-fail time of Monday, November 16, 2009, at
17:52:27.03. At the next power-up, that time will be frozen in the buffer/transfer registers.
On November 17, 2009, at 16:15:07.77, the user powers the system back up and tries to
write the seconds to 35 while the HT bit is still set. This will cause Monday, November 16,
2009, at 17:52:35.03 to be written into the counters because the other seven bytes of
buffer/transfer register still contain the time of power-down. The result is that the modified
time of power-down was written into the counters making it appear the part had lost time
while power was off. Thus, at power-up, the user should always clear the HT bit (write D6 to
0 in address 0Ch) before writing to any address in the range 00h to 07h.
A typical power-up flow is to read the time of power-down, then clear the HT bit, then read
the current time. If the time of power-down is not needed by the application, then the first
step can be omitted.
3.2
Clock/control register map and divider chain
The M41T8x is comprised of 32 addresses which contain registers for clock (time and date),
calibration (digital and analog), alarm 1 and 2, watchdog, flags, timer, and square wave
(M41T83 only). Clock and alarm registers store data in BCD format. Calibration, timer,
watchdog, and square wave bits are written in a binary format.
Whenever any of the eight RTC bytes (addresses 00h to 07h) are written, the internal divider
(or clock) chain will be reset upon the completion of the write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com