Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T83RMY6F Datasheet(PDF) 46 Page - STMicroelectronics

Part # M41T83RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RMY6F Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M41T83RMY6F Datasheet HTML 42Page - STMicroelectronics M41T83RMY6F Datasheet HTML 43Page - STMicroelectronics M41T83RMY6F Datasheet HTML 44Page - STMicroelectronics M41T83RMY6F Datasheet HTML 45Page - STMicroelectronics M41T83RMY6F Datasheet HTML 46Page - STMicroelectronics M41T83RMY6F Datasheet HTML 47Page - STMicroelectronics M41T83RMY6F Datasheet HTML 48Page - STMicroelectronics M41T83RMY6F Datasheet HTML 49Page - STMicroelectronics M41T83RMY6F Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
Maximum ratings
M41T82-M41T83
46/61
Doc ID 12578 Rev 12
4
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 19.
Absolute maximum ratings
Sym
Parameter
Value(1)
1.
Data based on characterization results, not tested in production.
Unit
TSTG
Storage temperature (VCC off, oscillator off)
–55 to 125
°C
VCC
Supply voltage
–0.3 to 7.0
V
TSLD
Lead solder temperature for 10 seconds
QFN16
260(2)
2.
Reflow at peak temperature of 260 °C. The time above 255 °C must not exceed 30 seconds.
°C
SO8
SOX18
240(3)
3.
Reflow at peak temperature of 240 °C. The time above 235 °C must not exceed 20 seconds.
VIO
Input or output voltages
–0.2 to VCC+0.3
V
IO
Output current
20
mA
PD
Power dissipation
1
W
θJA
Thermal resistance, junction to ambient
QFN16
35.7
°C/W
SO8
128.4
SOX18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com