Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T83RMY6F Datasheet(PDF) 50 Page - STMicroelectronics

Part # M41T83RMY6F
Description  Serial I2C bus RTC with battery switchover
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83RMY6F Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M41T83RMY6F Datasheet HTML 46Page - STMicroelectronics M41T83RMY6F Datasheet HTML 47Page - STMicroelectronics M41T83RMY6F Datasheet HTML 48Page - STMicroelectronics M41T83RMY6F Datasheet HTML 49Page - STMicroelectronics M41T83RMY6F Datasheet HTML 50Page - STMicroelectronics M41T83RMY6F Datasheet HTML 51Page - STMicroelectronics M41T83RMY6F Datasheet HTML 52Page - STMicroelectronics M41T83RMY6F Datasheet HTML 53Page - STMicroelectronics M41T83RMY6F Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
DC and AC parameters
M41T82-M41T83
50/61
Doc ID 12578 Rev 12
Figure 26.
Power down/up mode AC waveforms
Table 25.
Power down/up trip points DC characteristics
Sym
Parameter(1)(2)
1.
All voltages referenced to VSS
2.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.38 to 5.5 V (except where noted)
Min
Typ
Max
Unit
VRST
Reset threshold voltage
S
2.85
2.93
3.0
V
R
2.55
2.63
2.7
V
Z
2.252.322.38
V
VSO
Battery backup switchover
VRST
V
Hysteresis
25
mV
trec
RST duration after VCC high
140
280
ms
tRD
VCC to reset delay
(3)
3.
Measured with VCC falling slew rate of 10 mV/µs for VCC in the range VRST + 100 mV to VRST – 100 mV
2.5
µs
AI00596
VCC
trec
VSO
SDA, SCL
DON'T CARE
VRST
RST
tRD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com