Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5940CESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5940CESA
Description  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940CESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5940CESA Datasheet HTML 3Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 4Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 5Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 6Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 7Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 8Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 9Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 10Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Classification Mode (12.6V
≤ VIN ≤ 20V)
In the classification mode, the PSE classifies the PD
based on the power consumption required by the PD.
This allows the PSE to efficiently manage power distri-
bution. The IEEE 802.3af standard defines five different
classes as shown in Table 1. An external resistor (RCL)
connected from RCLASS to VEE sets the classification
current.
The PSE determines the class of a PD by applying a volt-
age at the PD input and measures the current sourced
out of the PSE. When the PSE applies a voltage between
12.6V and 20V, the MAX5940_ exhibit a current charac-
teristic with values indicated in Table 2. The PSE uses the
classification current information to classify the power
requirement of the PD. The classification current includes
the current drawn by the 25.5k
Ω detection signature
resistor and the supply current of the MAX5940_ so the
total current drawn by the PD is within the IEEE 802.3af
standard figures. The classification current is turned off
whenever the device is in power mode.
Power Mode
During power mode, when VIN rises above the under-
voltage lockout threshold (VUVLO,ON), the MAX5940_
gradually turn on the internal N-channel MOSFET Q1
(see Figure 2). The MAX5940_ charge the gate of Q1
with a constant current source (10µA, typ). The drain-
to-gate capacitance of Q1 limits the voltage rise rate at
the drain of the MOSFET, thereby limiting the inrush
current. To reduce the inrush current, add external
drain-to-gate capacitance (see the Inrush Current Limit
section). When the drain of Q1 is within 1.2V of its
source voltage and its gate-to-source voltage is above
5V, the MAX5940_ asserts the PGOOD/PGOOD out-
puts. The MAX5940_ have a wide UVLO hysteresis and
turn-off deglitch time to compensate for the high
impedance of the twisted-pair cable.
Undervoltage Lockout
The MAX5940_ operate up to a 67V supply voltage with a
default UVLO turn-on (VUVLO,ON) set at 35V
(MAX5940A/MAX5940C) or 39V (MAX5940B/MAX5940D)
and a UVLO turn-off (VUVLO,OFF) set at 30V. The
MAX5940B/MAX5940D have an adjustable UVLO thresh-
old using a resistor-divider connected to UVLO (see
Figure 3). When the input voltage is above the UVLO
threshold, the IC is in power mode and the MOSFET is
on. When the input voltage goes below the UVLO thresh-
old for more than tOFF_DLY, the MOSFET turns off.
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
_______________________________________________________________________________________
7
CLASS
USAGE
RCL (
Ω)
MAXIMUM POWER USED BY PD (W)
0
Default
10k
0.44 to 12.95
1
Optional
732
0.44 to 3.84
2
Optional
392
3.84 to 6.49
3
Optional
255
6.49 to 12.95
4
Not Allowed
178
Reserved*
*Class 4 reserved for future use.
Table 1. PD Power Classification/RCL Selection
CLASS CURRENT SEEN AT VIN (mA)
IEEE 802.3af PD CLASSIFICATION
CURRENT SPECIFICATION (mA)
CLASS
RCL (
Ω)VIN* (V)
MIN
MAX
MIN
MAX
0
10k
12.6 to 20
02
04
1
732
12.6 to 20
9.17
11.83
9
12
2
392
12.6 to 20
17.29
19.71
17
20
3
255
12.6 to 20
26.45
29.55
26
30
4
178
12.6 to 20
36.6
41.4
36
44
*VIN is measured across the MAX5940 input pins, which does not include the diode bridge voltage drop.
Table 2. Setting Classification Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com