Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5940CESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5940CESA
Description  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940CESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5940CESA Datasheet HTML 5Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 6Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 7Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 8Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 9Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 10Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 11Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 12Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Inrush Current Limit
The MAX5940_ charge the gate of the internal MOSFET
with a constant current source (10µA, typ). The drain-
to-gate capacitance of the MOSFET limits the voltage
rise rate at the drain, thereby limiting the inrush current.
Add an external capacitor from GATE to OUT to further
reduce the inrush current. Use the following equation to
calculate the inrush current:
PGOOD/
PGOOD Outputs
(MAX5940A/MAX5940C only)
PGOOD is an open-drain, active-high logic output.
PGOOD goes high impedance when VOUT is within 1.2V
of VEE and when GATE is 5V above VEE. Otherwise,
PGOOD is pulled to VOUT (given that VOUT is at least 5V
below GND). Connect PGOOD to the ON pin of a down-
stream DC-DC converter. Connect a 100k
Ω pullup resis-
tor from PGOOD to GND if needed.
(MAX5940B/MAX5940D only)
PGOOD is an open-drain, active-low logic output.
PGOOD is pulled to VEE when VOUT is within 1.2V of VEE
and when GATE is 5V above VEE. Otherwise, PGOOD
goes high impedance. Connect PGOOD to the ON pin of
a downstream DC-DC converter. Connect a 100k
Ω
pullup resistor from PGOOD to GND if needed.
Thermal Dissipation
During classification mode, if the PSE applies the maxi-
mum DC voltage, the maximum voltage drop from GND
to VRCLASS will be 13V. If the maximum classification cur-
rent of 42mA flows through the MAX5940_, then the maxi-
mum DC power dissipation will be 546mW, which is
slightly higher than the maximum DC power dissipation of
the IC at maximum operating temperature. However,
according to the IEEE 802.3af standard, the duration of
the classification mode is limited to 75ms (max). The
MAX5940_ handle the maximum classification power dis-
sipation for the maximum duration time without sustaining
any internal damage. If the PSE violates the IEEE 802.3af
standard by exceeding the 75ms maximum classification
duration, it may cause internal damage to the IC.
II
x
C
C
INRUSH
G
OUT
GATE
=
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
_______________________________________________________________________________________
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com