Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5940CESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5940CESA
Description  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940CESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5940CESA Datasheet HTML 7Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 8Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 9Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 10Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 11Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 12Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 13Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 14Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
______________________________________________________________________________________
13
60V
68nF
UVLO
GND
VEE
GATE
RCLASS
PGOOD
PGOOD
DC-DC CONVERTER
GND
-48V
WALL
ADAPTER
SUPPLY
RCL
D1
GND
V+
VREG
OUT
1
2
3
4
5
6
7
8
COUT
CGATE
RDISC
25.5k
Ω
SS_SHDN
MAX5014
MAX5940B
MAX5940D
LOAD
Typical Application Circuits (continued)
Application Circuit 4
If the wall adapter supply comes up first, it provides
power to the load and pollute the discovery and classi-
fication signatures. If the power-over-ethernet comes
up first, it powers the load until taken over by a wall
adapter with higher output voltage.
Figure 7. Adding Wall Adapter Input Supply (the One with Higher Voltage Provides Power to the Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com