Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5940CESA Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5940CESA
Description  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940CESA Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5940CESA Datasheet HTML 7Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 8Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 9Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 10Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 11Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 12Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 13Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 14Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
14
______________________________________________________________________________________
PGOOD
OUT
VEE
1
2
8
7
GND
N.C.
RCLASS
GATE
N.C.
SO
TOP VIEW
3
4
6
5
MAX5940A
MAX5940C
PGOOD
OUT
VEE
1
2
8
7
GND
PGOOD
RCLASS
GATE
UVLO
SO
3
4
6
5
MAX5940B
MAX5940D
Pin Configurations
R1**
60V
68nF
UVLO
GND
VEE
GATE
RCLASS
PGOOD
PGOOD
DC-DC CONVERTER
GND
-48V
R2**
RCL
*OPTIONAL.
**R1 AND R2 ARE OPTIONAL AND WHEN USED, THEY MUST TOTAL 25.5k
Ω AND REPLACE THE 25.5kΩ RESISTOR.
VREG
OUT
1
2
3
4
5
6
7
8
COUT
CGATE
RDISC
25.5k
Ω
MAX5940B
MAX5940D
D1*
D2*
GND
V+
SS_SHDN
MAX5014
LOAD
Typical Operating Circuits (continued)
Chip Information
TRANSISTOR COUNT: 3,643
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com