Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5940CESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5940CESA
Description  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940CESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5940CESA Datasheet HTML 1Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 2Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 3Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 4Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 5Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 6Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 7Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 8Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX5940A/MAX5940B/MAX5940C/MAX5940D pro-
vide complete interface function for a powered device
(PD) to comply with the IEEE 802.3af standard in a
power-over-ethernet system. MAX5940A/MAX5940B/
MAX5940C/MAX5940D provide the PD with a detection
signature, a classification signature, and an integrated
isolation switch with programmable inrush current control.
These devices also feature power-mode undervoltage
lockout (UVLO) with wide hysteresis and power-
good outputs. The MAX5940A/MAX5940B are available
with an absolute maximum rating of 80V and the
MAX5940C/MAX5940D are rated for an absolute maxi-
mum rating of 90V.
An integrated MOSFET provides PD isolation during
detection and classification. All devices guarantee a leak-
age current offset of less than 10µA during the detection
phase. A programmable current limit prevents high inrush
current during power-on. The device features power-
mode UVLO with wide hysteresis and long deglitch time
to compensate for twisted-pair cable resistive drop and to
assure glitch-free transition between detection, classifica-
tion, and power-on/-off phases.
The MAX5940A/MAX5940C provide an active-high
(PGOOD) open-drain output and a fixed UVLO threshold.
The MAX5940B/MAX5940D provide both active-high
(PGOOD) and active-low (PGOOD) outputs and have an
adjustable UVLO threshold with the default value compli-
ant to the 802.3af standard. All devices are designed to
work with or without an external diode bridge.
The MAX5940A/MAX5940B/MAX5940C/MAX5940D are
available in 8-pin SO packages and are rated over the
extended temperature range of -40°C to +85°C.
Applications
IP Phones
Security Cameras
Wireless Access Nodes
IEEE 802.3af Power Devices
Computer Telephony
Features
♦ Fully Integrated IEEE 802.3af-Compliant PD
Interface
♦ PD Detection and Programmable Classification
Signatures
♦ Less than 10µA Leakage Current Offset During
Detection
♦ Integrated MOSFET For Isolation and Inrush
Current Limiting
♦ 90V Absolute Maximum Rating
(MAX5940C/MAX5940D)
♦ Gate Output Allows External Control of the
Internal Isolation MOSFET
♦ Programmable Inrush Current Control
♦ Programmable Undervoltage Lockout
(MAX5940B/MAX5940D Only)
♦ Wide UVLO Hysteresis Accommodates Twisted-
Pair Cable Voltage Drop
♦ PGOOD/PGOOD Outputs to Enable Downstream
DC-DC Converters
♦ -40°C to +85°C Operating Temperature Range
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
60V
68nF
GND
VEE
GATE
RCLASS
PGOOD
DC-DC CONVERTER
GND
-48V
RCL
*OPTIONAL.
GND
V+
LOAD
VREG
D1*
OUT
2
3
4
5
6
8
COUT
CGATE
RDISC
25.5k
Ω
SS_SHDN
MAX5014
MAX5940A
MAX5940C
D2*
Typical Operating Circuits
19-2991; Rev 2; 2/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
UVLO
MAX5940AESA
-40°C to +85°C
8 SO
Fixed
MAX5940BESA
-40°C to +85°C
8 SO
Adjustable
MAX5940CESA
-40°C to +85°C
8 SO
Fixed
MAX5940DESA
-40°C to +85°C
8 SO
Adjustable
Typical Operating Circuits continued at end of data sheet.


Similar Part No. - MAX5940CESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940CESA MAXIM-MAX5940CESA Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results

Similar Description - MAX5940CESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
logo
Linear Technology
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com