Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5940CESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5940CESA
Description  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940CESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5940CESA Datasheet HTML 1Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 2Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 3Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 4Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 5Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 6Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 7Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 8Page - Maxim Integrated Products MAX5940CESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
_______________________________________________________________________________________
5
PGOOD OUTPUT LOW VOLTAGE
vs. CURRENT
ISINK (mA)
15
10
5
80
160
240
320
400
0
020
OUT LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
4
8
12
16
20
0
-40
85
VOUT = 67V
INRUSH CURRENT CONTROL (VIN = 12V)
MAX5940A/B toc09
1ms/div
VGATE
5V/div
IINRUSH
100mA/div
VOUT TO VEE
10V/div
PGOOD
10V/div
INRUSH CURRENT CONTROL (VIN = 48V)
MAX5940A/B toc10
2ms/div
VGATE
5V/div
IINRUSH
100mA/div
VOUT TO VEE
50V/div
PGOOD
50V/div
INRUSH CURRENT CONTROL (VIN = 67V)
MAX5940A/B toc11
2ms/div
VGATE
5V/div
IINRUSH
100mA/div
VOUT TO VEE
50V/div
PGOOD
50V/div
Typical Operating Characteristics (continued)
(VIN = (GND - VEE) = 48V, GATE = PGOOD = PGOOD = OUT = OPEN, UVLO = VEE (MAX5940B), TA = -40°C to +85°C. Typical values
are at TA = +25°C. All voltages are referenced to VEE, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com