Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-STE12PS Datasheet(PDF) 7 Page - STMicroelectronics

Part # E-STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE12PS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button E-STE12PS Datasheet HTML 3Page - STMicroelectronics E-STE12PS Datasheet HTML 4Page - STMicroelectronics E-STE12PS Datasheet HTML 5Page - STMicroelectronics E-STE12PS Datasheet HTML 6Page - STMicroelectronics E-STE12PS Datasheet HTML 7Page - STMicroelectronics E-STE12PS Datasheet HTML 8Page - STMicroelectronics E-STE12PS Datasheet HTML 9Page - STMicroelectronics E-STE12PS Datasheet HTML 10Page - STMicroelectronics E-STE12PS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Pin description
7/44
Configuration signals
A_BN_SEL
I
A or B alternative configuration mode select.
‘0’
→Alternative B (Midspan-PSE)
‘1’
→Alternative A (Endpoint-PSE)
CH_NUM
x
I
12- or 4-boost channel select. x = 0,1.
‘00’
→12 channels configuration
‘01’
→NA
‘10’
→NA
‘11’
→ 4-boost channel configuration
AUTO_START
I
AUTO Start Mode enable.
‘0’
→Auto Start Mode disabled: all the ports are disabled after Reset, Neither
detection nor power on is performed (MODE[1:0] register selected to Power
Down at the reset event)
‘1’
→Auto Start Mode enabled: all the ports are automatically enabled,
detection, classification and power are performed (MODE[1:0] register selected
to AUTO after the reset event)
S/UPIN
I
SMPS (Switch Mode Power Supply) mode selector bit (supplier / User). When
Not connected the device works as DC-DC converter controller.
SENSEPROG
x
I
Preset pins for sensing resistor programmability (x=0,1). The programmed
value must match the mounted Rsense resistors.
‘00’
→Rsense = 0.5Ω
‘01’
→Rsense = 1Ω
‘10’
→Rsense = 1.5Ω
‘11’
→Rsense = 2Ω
Power ON controller signals
POWER_EN
x
I
Reserved. (x = 0, …11).
I2C Signals
I2C_ADDR
x
I
This defines the device address for the I2C interface. x = 0, … 4.
SCLIN
I
Serial clock input pin for the I2C interface.
SDAIN
I
Serial data input pin for the I2C interface. When “jumpered” with the SDAOUT
pin, this connection becomes the standard bi-directional serial data line (SDA).
SDAOUT
O
Serial data output pin for the I2C interface. When jumpered with the SDAIN pin,
this connection becomes the standard bi-directional serial data line (SDA).
INTN
O
I2C Open drain output that goes low when interrupt event is notified
Test mode signals
TEST_MODE
x
I
Test Mode Enable (x = 0,1).
‘00’
→Functional mode
‘01’
→Reserved
‘10’
→Reserved
‘11’
→Reserved
SCAN_EN
I
Reserved. Preset to ‘0’.
Table 2.
Digital pins description (continued)
Pin name
I/O
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com