Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-STE12PS Datasheet(PDF) 5 Page - STMicroelectronics

Part # E-STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE12PS Datasheet(HTML) 5 Page - STMicroelectronics

  E-STE12PS Datasheet HTML 1Page - STMicroelectronics E-STE12PS Datasheet HTML 2Page - STMicroelectronics E-STE12PS Datasheet HTML 3Page - STMicroelectronics E-STE12PS Datasheet HTML 4Page - STMicroelectronics E-STE12PS Datasheet HTML 5Page - STMicroelectronics E-STE12PS Datasheet HTML 6Page - STMicroelectronics E-STE12PS Datasheet HTML 7Page - STMicroelectronics E-STE12PS Datasheet HTML 8Page - STMicroelectronics E-STE12PS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Pin description
5/44
2
Pin description
Table 1.
Analog pins description
Pin name
I/O
Function
IDET_HVLV
O
Anti-aliasing filter capacitor to be connected between the analog input and
ground to improve ADC noise performance. C = 180pF.
IMON_HVLV
O
Anti-aliasing filter capacitor to be connected between the analog input and
ground. C = 180pF.
Vbat_mon
O
Anti-aliasing filter capacitor to be connected between the analog input and
ground. C = 100nF.
Vbatref
O
Anti-aliasing filter capacitor to be connected between the analog input and
ground. C = 100nF.
I_REF
O
Anti-aliasing filter capacitor to be connected between the analog input and
ground. C = 180pF.
CDETSLOW
O
Detection rise/fall time capacitor (up to 25nF). Tr/f can be set from 1ns to 4ms.
RSENSE
O
SMPS precision, external, current limiting reference resistor: 100m
Ω
VDRIVE
O
External p-channel MOSFET gate driving voltage for SMPS. It provides a
square wave with VL as upper limit and (VL-10V) as lower limit voltage.
SFTSTR
O
Switched Mode Power Supply (SMPS) soft start capacitor, 200nF.
FB
IO
SMPS feedback pin, Cfb = 2.2nF
Pn
O
Power DMOS device drain, if DMOS is turned-on, channel “n” where n = 1,…12
is activated.
ACSn
O
It provides a 50Hz AC disconnection signal for port “n”, n = 1, … 12.
SPn
I
Detection classification and AC disconnection sensing port “n”, n = 1, … 12.
SSRPn
I
Line current to the monitoring resistor for channel “n”, n = 1,… 12. Allowed
values are 0.523, 1.05, 1.58 and 2.1ohms (see also SENSPROG preset pins).
Sensing pin.
FSRPn
O
Source terminal for power DMOS connected to the sense resistor for channel
“n”, n = 1,… 12, a “forcing” pin.
RMONF
O
Mirror monitoring resistance (500
× Rsense) pin to let internal ADC evaluate line
currents. Forcing pin.
RMONS
O
Mirror monitoring resistance (500
× Rsense) pin to let internal ADC evaluate line
currents. A “sensing” pin.
RREF
I
Reference bias resistor: 18.7k
Ω
CLK_GEN1
I
Crystal oscillator pin1 for high performance clock generation.
CLK_GEN2
I
Crystal oscillator pin2 for high performance clock generation.
MCLK
O
Master clock output for multi device configuration.
CLK_GEN3
I
Low profile clock input pin or clock input pin in multi-device configuration.
ACin
I
50Hz sinusoidal input
ACout
O
50Hz sinusoidal output, internally generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com