Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-STE12PS Datasheet(PDF) 4 Page - STMicroelectronics

Part # E-STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE12PS Datasheet(HTML) 4 Page - STMicroelectronics

  E-STE12PS Datasheet HTML 1Page - STMicroelectronics E-STE12PS Datasheet HTML 2Page - STMicroelectronics E-STE12PS Datasheet HTML 3Page - STMicroelectronics E-STE12PS Datasheet HTML 4Page - STMicroelectronics E-STE12PS Datasheet HTML 5Page - STMicroelectronics E-STE12PS Datasheet HTML 6Page - STMicroelectronics E-STE12PS Datasheet HTML 7Page - STMicroelectronics E-STE12PS Datasheet HTML 8Page - STMicroelectronics E-STE12PS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Block diagram
STE12PS
4/44
1
Block diagram
Figure 1.
STE12PS functional block diagram
Figure 2.
Typical application diagram
12 x power
switches
Analog front end
Power-on control
inrush current limiting
Internal
clock
generator
AC
disconnect
generator &
detector
50Hz
~
I2C
interface
Monitoring
output
interface
Smart power
& port priority
management
Programmable
detection/
classification
Digital
controller
Line detection
classification
monitoring
Tri-level
temperature
protection
3.3V
SMPS
controller
12-bit
ADC
Programmable
timer settings
12 x power
switches
Analog front end
Power-on control
inrush current limiting
Internal
clock
generator
AC
disconnect
generator &
detector
50Hz
~
I2C
interface
Monitoring
output
interface
Smart power
& port priority
management
Programmable
detection/
classification
Digital
controller
Line detection
classification
monitoring
Tri-level
temperature
protection
3.3V
SMPS
controller
12-bit
ADC
Programmable
timer settings
To Opto
Couplers
STE12PS
3.3V
To Other
Devices
I2C_ADDRx
SCLIN
SDAIN
SDAOUT
INTN
I2C
BUS
FSRPx
SSRPx
HQGND
RMONS
RMONF
ACSx
SPx
SMPS_VL
RLIM VDRIVE
Px
V3_3
+48V
D1 x 12
D2 x 12
Rsense
x12
Rmon
R1
R2
R3
D3
D4
C1
C2
L1
R2
R3
D3
D4
C1
C2
L1
Low Cost
PMOS
VL
GNDs
SMPS_GND
CLKgenx
C3 x12
C4
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com