Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-STE12PS Datasheet(PDF) 21 Page - STMicroelectronics

Part # E-STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE12PS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button E-STE12PS Datasheet HTML 17Page - STMicroelectronics E-STE12PS Datasheet HTML 18Page - STMicroelectronics E-STE12PS Datasheet HTML 19Page - STMicroelectronics E-STE12PS Datasheet HTML 20Page - STMicroelectronics E-STE12PS Datasheet HTML 21Page - STMicroelectronics E-STE12PS Datasheet HTML 22Page - STMicroelectronics E-STE12PS Datasheet HTML 23Page - STMicroelectronics E-STE12PS Datasheet HTML 24Page - STMicroelectronics E-STE12PS Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Functional description
21/44
Figure 8.
With external power supplies
3.6
6MHz clock generator
Figure 10 on page 23, and Figure 11 and Figure 12 on page 24 show the three possible
clock generation configurations:
a)
with a 6 MHz crystal for a high precision clock,
b)
with an external RC for low-cost applications,
c)
with an external clock.
3.7
Smart-power mode
When this mode is enabled, the whole system is set to manage and deliver a limited amount
of power to the channel. In Auto Mode, it is actually possible to set a maximum power
budget for the device. When a PD is connected to a port, the STE12PS verifies the class
and decides to power the line only if there’s enough power available. It is also possible to set
different priorities for the different channels. The device probes channels starting with those
of highest priority. In case of shortage of available power, it is possible to disable the
powering of newly detected ports of lower priority until the ones with a higher detected
priority are serviced. If a channel exceeds its power class, that channel can be powered-
down, and its power made available again. A 12-bit ADC is used to provide high-quality
voltage and current measurements during the various phases of port detection,
+48V
VL
V10
V3.3
FB
RLIM
VDRIVE
E/A
Current
limiting
PMOS
driver
PWM & ramp
generator
Soft
start
Bandgap&
reference
SFTSTR
RREF1
VL SMPS
Clock
gen.
+10V
Optional
+3.3V
S/Upin
STE12PS
VL
V10
V3.3
FB
RLIM
VDRIVE
E/A
Current
limiting
PMOS
driver
PWM & ramp
generator
Soft
start
Soft
start
Bandgap&
reference
SFTSTR
RREF1
VL SMPS
Clock
gen.
Clock
gen.
S/Upin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com