Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-STE12PS Datasheet(PDF) 30 Page - STMicroelectronics

Part # E-STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE12PS Datasheet(HTML) 30 Page - STMicroelectronics

Back Button E-STE12PS Datasheet HTML 26Page - STMicroelectronics E-STE12PS Datasheet HTML 27Page - STMicroelectronics E-STE12PS Datasheet HTML 28Page - STMicroelectronics E-STE12PS Datasheet HTML 29Page - STMicroelectronics E-STE12PS Datasheet HTML 30Page - STMicroelectronics E-STE12PS Datasheet HTML 31Page - STMicroelectronics E-STE12PS Datasheet HTML 32Page - STMicroelectronics E-STE12PS Datasheet HTML 33Page - STMicroelectronics E-STE12PS Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
I2C slave protocol overview
STE12PS
30/44
5.7
Parallel monitoring interface
In order to monitor the status of the different ports without the I2C register addressing, a
simple, output status interface has been implemented.
This digital interface is comprised of 9 output pins: CH_SEL[3:0], POK, OVLD, OVCUR,
AC_DC_DISCON and DET_CLASS.
Bits
CH_SEL[3:0] indicate the channel status flags (POK,..., DET_CLASS) that are currently
notified, externally. CH_SEL is incremented every 60MCLK clock cycles.
POK stands for Power OK. When HIGH, it indicates that the channel is currently powered-on
in normal condition.
OVLD stands for OverLoad and indicates a faulty condition due to abnormal power
dissipation (more than Pclass) of a powered channel.
OVCUR stands for OverCurrent, and it highlights a channel whose current has reached the
power-on current limit of 425mA (typ. value).
Bit
AC_DC_DISCON goes HIGH when a powered channel fails in providing a correct MPS
(maintain power signature). This typically happens when a PD is disconnected from the line.
DET_CLASS indicates a situation where a channel is not yet powered and whose
“signature” is currently being probed.
Status flag notification is enabled by bit STATUS_FLAG_EN of the configuration register
Global_cfg2. By default this bit is HIGH, that is, enabled.
This information is particularly useful in simple applications without a microprocessor or for
testing purposes. Another use is to easily build-up an LED graphical interface showing
runtime status of the various channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com