Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-STE12PS Datasheet(PDF) 17 Page - STMicroelectronics

Part # E-STE12PS
Description  12 channel integrated PSE line manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE12PS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button E-STE12PS Datasheet HTML 13Page - STMicroelectronics E-STE12PS Datasheet HTML 14Page - STMicroelectronics E-STE12PS Datasheet HTML 15Page - STMicroelectronics E-STE12PS Datasheet HTML 16Page - STMicroelectronics E-STE12PS Datasheet HTML 17Page - STMicroelectronics E-STE12PS Datasheet HTML 18Page - STMicroelectronics E-STE12PS Datasheet HTML 19Page - STMicroelectronics E-STE12PS Datasheet HTML 20Page - STMicroelectronics E-STE12PS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STE12PS
Functional description
17/44
Monitor overcurrent FSM
This particular FSM manages all operations related to procedures that are able to monitor
an overcurrent event.
All operations described below are related to channels currently powered.
●
STARTUP:
–
START: the channel to be monitored is selected.
●
VOLTAGE BATTERY:
–
SAMPLE Vbat: every 12 channels cycle the Vbat measurement is executed.
●
OVERCURRENT CHECK: the following operations are related to an overcurrent check
–Imeas CHECK: if Imeas>Ilim the I_LIM_FLAG is raised and the next powered
channel is prepared for the next monitor procedure.
–
START MONITOR: the Tlim counter is started if I_LIM_FLAG is found asserted.
–
COUNTER RESET: if I_LIM_FLAG is found de-asserted Tlim counter is reset
taking into account that glitches of duration less than 10ms are filtered.
●
POWER REMOVAL: the following operations are related to a power removal operation:
–
COUNTER CHECK: all the Tlim timers are checked and those expired are
identified.
–
POWER REMOVAL: all the channels whose timer is expired are switched OFF.
–
ALARM SET: for all the channels whose timers are expired a corresponding alarm
flag is raised in the FAULT_EVENT_CHn register and the related Ted timer is
started.
3.3.3
Thermal monitoring
The procedures performed by the digital controller are impacted by the thermal monitoring
data indicating the measured temperature.
Its behavior is based on a three-level control system
:
1.
When the chip's internal temperature reaches 110°C, only the channels already
powered will be serviced. Possible new ones, will be rejected, redetected and
eventually processed when the internal temperature cools down to 100°C. This
behavior can be disabled setting the proper bit register.
2.
A second temperature threshold is set at 130°C. When this value is reached, the
channels that are in current limiting or inrush condition are immediately switched OFF,
and their reactivation, subject to positive redetection, will only be possible when the
chip's internal temperature has cooled down to 100°C. This behavior can be disabled
by setting the proper bit register.
3.
The third temperature threshold is set at 150°C. When this temperature is reached, all
activated channels will be immediately switched OFF, and their reactivation, subject to
positive redetection, will only be possible when the chip's internal temperature has
decreased to 100°C. This behavior cannot be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com