Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101X8 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32F101X8
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32F101X8 Datasheet HTML 65Page - STMicroelectronics STM32F101X8 Datasheet HTML 66Page - STMicroelectronics STM32F101X8 Datasheet HTML 67Page - STMicroelectronics STM32F101X8 Datasheet HTML 68Page - STMicroelectronics STM32F101X8 Datasheet HTML 69Page - STMicroelectronics STM32F101X8 Datasheet HTML 70Page - STMicroelectronics STM32F101X8 Datasheet HTML 71Page - STMicroelectronics STM32F101X8 Datasheet HTML 72Page - STMicroelectronics STM32F101X8 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
STM32F101x8, STM32F101xB
Electrical characteristics
Doc ID 13586 Rev 13
69/85
Figure 36.
Power supply and reference decoupling (VREF+ connected to VDDA)
1.
VREF+ and VREF- inputs are available only on 100-pin packages.
5.3.17
Temperature sensor characteristics
VREF+/VDDA
STM32F10xxx
1 µF // 10 nF
VREF–/VSSA
ai14381b
Table 45.
TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL
(1)
1.
Guaranteed by characterization, not tested in production.
VSENSE linearity with temperature
1
2
°C
Avg_Slope(1)
Average slope
4.0
4.3
4.6
mV/°C
V25
(1)
Voltage at 25°C
1.34
1.43
1.52
V
tSTART
(2)
2.
Guaranteed by design, not tested in production.
Startup time
4
10
µs
TS_temp
(3)(2)
3.
Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when reading the
temperature
17.1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com