Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101X8 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32F101X8
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32F101X8 Datasheet HTML 34Page - STMicroelectronics STM32F101X8 Datasheet HTML 35Page - STMicroelectronics STM32F101X8 Datasheet HTML 36Page - STMicroelectronics STM32F101X8 Datasheet HTML 37Page - STMicroelectronics STM32F101X8 Datasheet HTML 38Page - STMicroelectronics STM32F101X8 Datasheet HTML 39Page - STMicroelectronics STM32F101X8 Datasheet HTML 40Page - STMicroelectronics STM32F101X8 Datasheet HTML 41Page - STMicroelectronics STM32F101X8 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
Electrical characteristics
STM32F101x8, STM32F101xB
38/85
Doc ID 13586 Rev 13
Table 14.
Maximum current consumption in Sleep mode, code running from Flash
or RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
Based on characterization, tested in production at VDD max and fHCLK max with peripherals enabled.
Unit
TA = 85 °C
IDD
Supply current in
Sleep mode
External clock(2) all
peripherals enabled
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
36 MHz
15.5
mA
24 MHz
11.5
16 MHz
8.5
8 MHz
5.5
External clock(2), all
peripherals disabled
36 MHz
5
24 MHz
4.5
16 MHz
4
8 MHz
3
Table 15.
Typical and maximum current consumptions in Stop and Standby modes
Symbol
Parameter
Conditions
Typ(1)
Max
Unit
VDD/VBAT
= 2.0 V
VDD/ VBAT
= 2.4 V
VDD/VBAT
= 3.3 V
TA =
85 °C(2)
IDD
Supply current
in Stop mode
Regulator in Run mode,
Low-speed and high-speed internal RC
oscillators and high-speed oscillator OFF
(no independent watchdog)
-
23.5
24
200
µA
Regulator in Low-Power mode,
Low-speed and high-speed internal RC
oscillators and high-speed oscillator OFF
(no independent watchdog)
-
13.5
14
180
Supply current
in Standby
mode
Low-speed internal RC oscillator and
independent watchdog ON
-2.6
3.4
-
Low-speed internal RC oscillator ON,
independent watchdog OFF
-2.4
3.2
-
Low-speed internal RC oscillator and
independent watchdog OFF, low-speed
oscillator and RTC OFF
-1.7
2
4
IDD_VBAT
Backup domain
supply current
Low-speed oscillator and RTC ON
0.9
1.1
1.4
1.9
1.
Typical values are measured at TA = 25 °C.
2.
Based on characterization, not rested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com