Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101X8 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32F101X8
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32F101X8 Datasheet HTML 77Page - STMicroelectronics STM32F101X8 Datasheet HTML 78Page - STMicroelectronics STM32F101X8 Datasheet HTML 79Page - STMicroelectronics STM32F101X8 Datasheet HTML 80Page - STMicroelectronics STM32F101X8 Datasheet HTML 81Page - STMicroelectronics STM32F101X8 Datasheet HTML 82Page - STMicroelectronics STM32F101X8 Datasheet HTML 83Page - STMicroelectronics STM32F101X8 Datasheet HTML 84Page - STMicroelectronics STM32F101X8 Datasheet HTML 85Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 85 page
background image
STM32F101x8, STM32F101xB
Revision history
Doc ID 13586 Rev 13
83/85
21-Jul-2008
8
Small text changes.
Power supply supervisor on page 16 modified and VDDA added to
Table 8: General operating conditions on page 32.
Capacitance modified in Figure 11: Power supply scheme on page 30.
Table notes revised in Section 5: Electrical characteristics.
Maximum value of tRSTTEMPO modified in Table 10: Embedded reset and
power control block characteristics on page 34.
Values added to Table 15: Typical and maximum current consumptions
in Stop and Standby modes and Table 21: Typical current consumption in
Standby mode removed.
fHSE_ext modified in Table 19: High-speed external user clock
characteristics on page 44. fPLL_IN modified in Table 26: PLL
characteristics on page 49.
fHCLK corrected in Table 29: EMS characteristics.
Minimum SDA and SCL fall time value for Fast mode removed from
Table 38: I2C characteristics on page 60, note 1 modified.
th(NSS) modified in Table 40: SPI characteristics on page 62 and
Figure 30: SPI timing diagram - slave mode and CPHA = 0 on page 63.
CADC modified in Table 41: ADC characteristics on page 65 and
Figure 34: Typical connection diagram using the ADC modified.
fPCLK2 corrected in Table 43: ADC accuracy - limited test conditions and
Table 44: ADC accuracy.
Typical TS_temp value removed from Table 45: TS characteristics on
page 69.
LQFP48 package specifications updated (see Table 50, Table 45 and
Table 46).
Axx option removed from Table 52: Ordering information scheme on
page 78.
24-Jul-2008
9
First page modified: “Up to 2 x I²C interfaces” instead of “1 x I²C
interface”
23-Sep-2008
10
STM32F101xx devices with 32 Kbyte Flash memory capacity removed,
document updated accordingly.
Section 2.2: Full compatibility throughout the family on page 14 updated.
Notes modified in Table 4: Medium-density STM32F101xx pin definitions
on page 24.
Note 2 modified below Table 5: Voltage characteristics on page 31,
|
V
DDx| min and |VDDx| min removed.
Note 2 added to Table 8: General operating conditions on page 32.
Measurement conditions specified in Section 5.3.5: Supply current
characteristics on page 35.
IDD in standby mode at 85 °C modified in Table 15: Typical and maximum
current consumptions in Stop and Standby modes on page 38.
General input/output characteristics on page 52 modified.
Note added below Table 52: Ordering information scheme.
Section 7.1: Future family enhancements removed. Small text changes.
Table 53.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com