Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101X8 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32F101X8
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32F101X8 Datasheet HTML 75Page - STMicroelectronics STM32F101X8 Datasheet HTML 76Page - STMicroelectronics STM32F101X8 Datasheet HTML 77Page - STMicroelectronics STM32F101X8 Datasheet HTML 78Page - STMicroelectronics STM32F101X8 Datasheet HTML 79Page - STMicroelectronics STM32F101X8 Datasheet HTML 80Page - STMicroelectronics STM32F101X8 Datasheet HTML 81Page - STMicroelectronics STM32F101X8 Datasheet HTML 82Page - STMicroelectronics STM32F101X8 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 85 page
background image
STM32F101x8, STM32F101xB
Revision history
Doc ID 13586 Rev 13
79/85
8
Revision history
Table 53.
Document revision history
Date
Revision
Changes
06-Jun-2007
1
First draft.
20-Jul-07
2
IDD values modified in Table 11: Maximum current consumption in Run
and Sleep modes (TA = 85 °C).
VBAT range modified in Power supply schemes.
VREF+ min value, tSTAB, tlat and fTRIG added to Table 41: ADC
characteristics. Table 37: TIMx characteristics modified.
Note 6 modified and Note 8, Note 5 and Note 7 added below Table 4:
Medium-density STM32F101xx pin definitions.
Figure 20: Low-speed external clock source AC timing diagram,
Figure 11: Power supply scheme, Figure 28: Recommended NRST pin
protection and Figure 29: I2C bus AC waveforms and measurement
circuit(1) modified.
Sample size modified and machine model removed in Electrostatic
discharge (ESD).
Number of parts modified and standard reference updated in Static
latch-up. 25 °C and 85 °C conditions removed and class name modified
in Table 32: Electrical sensitivities.
tSU(LSE) changed to tSU(LSE) in Table 21: HSE 4-16 MHz oscillator
characteristics.
In Table 28: Flash memory endurance and data retention, typical
endurance added, data retention for TA = 25 °C removed and data
retention for TA = 85 °C added. Note removed below Table 8: General
operating conditions.
VBG changed to VREFINT in Table 11: Embedded internal reference
voltage. IDD max values added to Table 11: Maximum current
consumption in Run and Sleep modes (TA = 85 °C).
IDD(HSI) max value added to Table 23: HSI oscillator characteristics.
RPU and RPD min and max values added to Table 33: I/O static
characteristics. RPU min and max values added to Table 36: NRST pin
characteristics (two notes removed).
Datasheet title corrected. USB characteristics section removed.
Features on page 1 list optimized. Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com