Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101X8 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32F101X8
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32F101X8 Datasheet HTML 77Page - STMicroelectronics STM32F101X8 Datasheet HTML 78Page - STMicroelectronics STM32F101X8 Datasheet HTML 79Page - STMicroelectronics STM32F101X8 Datasheet HTML 80Page - STMicroelectronics STM32F101X8 Datasheet HTML 81Page - STMicroelectronics STM32F101X8 Datasheet HTML 82Page - STMicroelectronics STM32F101X8 Datasheet HTML 83Page - STMicroelectronics STM32F101X8 Datasheet HTML 84Page - STMicroelectronics STM32F101X8 Datasheet HTML 85Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 85 page
background image
Revision history
STM32F101x8, STM32F101xB
84/85
Doc ID 13586 Rev 13
21-Apr-2009
11
I/O information clarified on page 1. Figure 8: Memory map modified.
In Table 4: Medium-density STM32F101xx pin definitions: PB4, PB13,
PB14, PB15, PB3/TRACESWO moved from Default column to Remap
column.
Note modified in Table 12: Maximum current consumption in Run mode,
code with data processing running from Flash and Table 14: Maximum
current consumption in Sleep mode, code running from Flash or RAM.
Figure 16, Figure 17 and Figure 18 show typical curves.
Table 19: High-speed external user clock characteristics and Table 20:
Low-speed external user clock characteristics modified.
ACCHSI max values modified in Table 23: HSI oscillator characteristics.
Small text changes.
22-Sep-2009
12
Note 5 updated and Note 4 added in Table 4: Medium-density
STM32F101xx pin definitions.
VRERINT and TCoeff added to Table 11: Embedded internal reference
voltage. Typical IDD_VBAT value added in Table 15: Typical and maximum
current consumptions in Stop and Standby modes. Figure 15: Typical
current consumption on VBAT with RTC on versus temperature at
different VBAT values added.
fHSE_ext min modified in Table 19: High-speed external user clock
characteristics.
CL1 and CL2 replaced by C in Table 21: HSE 4-16 MHz oscillator
characteristics and Table 22: LSE oscillator characteristics (fLSE =
32.768 kHz), notes modified and moved below the tables.
Table 23: HSI oscillator characteristics modified. Conditions removed
from Table 25: Low-power mode wakeup timings.
Figure 28: Recommended NRST pin protection modified.
Note 1 modified below Figure 21: Typical application with an 8 MHz
crystal.
Figure 28: Recommended NRST pin protection modified.
IEC 1000 standard updated to IEC 61000 and SAE J1752/3 updated to
IEC 61967-2 in Section 5.3.10: EMC characteristics on page 50.
Jitter added to Table 26: PLL characteristics. CADC and RAIN parameters
modified in Table 41: ADC characteristics. RAIN max values modified in
Table 42: RAIN max for fADC = 14 MHz.
Small text changes.
20-May-2010
13
Added STM32F101TB devices.
Added VFQFPN48 package.
Updated note 2 below Table 38: I2C characteristics
Updated Figure 29: I2C bus AC waveforms and measurement circuit(1)
Updated Figure 28: Recommended NRST pin protection
Updated Section 5.3.12: I/O port characteristics
Table 53.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com