Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F101X8 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32F101X8
Description  Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101X8 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32F101X8 Datasheet HTML 24Page - STMicroelectronics STM32F101X8 Datasheet HTML 25Page - STMicroelectronics STM32F101X8 Datasheet HTML 26Page - STMicroelectronics STM32F101X8 Datasheet HTML 27Page - STMicroelectronics STM32F101X8 Datasheet HTML 28Page - STMicroelectronics STM32F101X8 Datasheet HTML 29Page - STMicroelectronics STM32F101X8 Datasheet HTML 30Page - STMicroelectronics STM32F101X8 Datasheet HTML 31Page - STMicroelectronics STM32F101X8 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
Memory mapping
STM32F101x8, STM32F101xB
28/85
Doc ID 13586 Rev 13
4
Memory mapping
The memory map is shown in Figure 8.
Figure 8.
Memory map
1K
APB memory space
DMA
RTC
WWDG
IWDG
SPI2
USART2
USART3
ADC1
USART1
SPI1
1K
35K
1K
1K
2K
1K
1K
2K
1K
1K
1K
1K
1K
7K
1K
Port E
1K
1K
1K
3K
1K
1K
1K
1K
1K
1K
1K
1K
2K
1K
1K
1K
I2C2
EXTI
RCC
1K
1K
1K
1K
1K
1K
1K
1K
3K
1K
3K
1K
4K
0
1
2
3
4
5
6
7
Peripherals
SRAM
reserved
reserved
Option Bytes
Reserved
0x4000 0000
0x4000 0400
0x4000 0800
0x4000 0C00
0x4000 2800
0x4000 2C00
0x4000 3000
0x4000 3400
0x4000 3800
0x4000 3C00
0x4000 4400
0x4000 4800
0x4000 4C00
0x4000 5400
0x4000 5800
0x4000 5C00
0x4000 6000
0x4000 6400
0x4000 6800
0x4000 6C00
0x4000 7000
0x4000 7400
0x4001 0000
0x4001 0400
0x4001 0800
0x4001 0C00
0x4001 1000
0x4001 1400
0x4001 1800
0x4001 1C00
0x4001 2400
0x4001 2800
0x4001 2C00
0x4001 3000
0x4001 3400
0x4001 3800
0x4001 3C00
0x4002 0000
0x4002 0400
0x4002 1000
0x4002 1400
0x4002 2000
0x4002 2400
0x4002 3000
0x4002 3400
0x6000 0000
0xE010 0000
0xFFFF FFFF
reserved
reserved
reserved
CRC
reserved
reserved
Flash interface
reserved
reserved
reserved
reserved
reserved
reserved
reserved
Port D
Port C
Port B
Port A
AFIO
PWR
BKP
reserved
reserved
reserved
reserved
I2C1
reserved
reserved
reserved
reserved
TIM4
TIM3
TIM2
0xFFFF FFFF
0xE010 0000
0xE000 0000
0xC000 0000
0xA000 0000
0x8000 0000
0x6000 0000
0x4000 0000
0x2000 0000
0x0000 0000
0x1FFF FFFF
0x1FFF F80F
0x1FFF F800
0x1FFF F000
0x0801 FFFF
0x0800 0000
System memory
Flash memory
Cortex-M3 internal
peripherals
ai14379d
0x0000 0000
Aliased to Flash or
system memory
depending on
BOOT pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com