Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPZB250 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPZB250
Description  ZigBee짰 module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB250 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPZB250 Datasheet HTML 2Page - STMicroelectronics SPZB250 Datasheet HTML 3Page - STMicroelectronics SPZB250 Datasheet HTML 4Page - STMicroelectronics SPZB250 Datasheet HTML 5Page - STMicroelectronics SPZB250 Datasheet HTML 6Page - STMicroelectronics SPZB250 Datasheet HTML 7Page - STMicroelectronics SPZB250 Datasheet HTML 8Page - STMicroelectronics SPZB250 Datasheet HTML 9Page - STMicroelectronics SPZB250 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Pin setting
SPZB250
6/18
Doc ID 13919 Rev 6
Pin n
Pin name
Direction
Description
10
GPIO2
I/O
Digital I/O
MSCLK
O
SPI master clock of serial controller SC2
MSCLK
I
SPI slave clock of serial controller SC2
SCL
I/O
I2C clock of serial controller SC2
TMR2IA.2
I
Capture of input B of timer 2
11
GND
--
Ground
12
VDD
Power
Input power supply
13
GPIO7
I/O
Digital I/O
ADC3
Analog
ADC input 3
REG_EN
O
External regulator open collector output
14
GPIO8
I/O
Digital I/O
VREF_OUT
Analog
ADC reference output
TMR1CLK
I
External clock input of timer 1
TMR2ENMSK
I
External enable mask of timer 2
IRQA
I
External interrupt source A
15
GPIO9
I/O
Digital I/O
TXD
O
UART transmit data of serial controller SC1
MO
O
SPI master data out of serial controller SC1
MSDA
I/O
I2C data of serial controller SC1
TMR1IA.2
I
Capture of input A of timer 2
16
GPIO10
I/O
Digital I/O
RXD
I
UART receive data of serial controller SC1
MI
I
SPI master data in of serial controller SC1
MSCL
I/O
I2C clock of serial controller SC1
TMR1IB.2
I
Capture of input B of timer 2
17
SIF_CLK
I
Non-intrusive debug interface
Serial interface clock signal (internal pull-down)
18
SIF_MISO
O
Non-intrusive debug interface
Serial interface master IN/ slave out
19
SIF_MOSI
I
Non-intrusive debug interface
Serial interface master out/ slave in
To guarantee a proper signal level when in deep sleep mode
connect a 10k
Ω resistor to GND
20
SIF_LOADB
I/O
Non-intrusive debug interface
Serial interface load strobe (Open collector with internal pull-up)
To improve noise immunity connect a 10 k
Ω resistor to V
DD
Table 1.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com