Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPZB250 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPZB250
Description  ZigBee짰 module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB250 Datasheet(HTML) 1 Page - STMicroelectronics

  SPZB250 Datasheet HTML 1Page - STMicroelectronics SPZB250 Datasheet HTML 2Page - STMicroelectronics SPZB250 Datasheet HTML 3Page - STMicroelectronics SPZB250 Datasheet HTML 4Page - STMicroelectronics SPZB250 Datasheet HTML 5Page - STMicroelectronics SPZB250 Datasheet HTML 6Page - STMicroelectronics SPZB250 Datasheet HTML 7Page - STMicroelectronics SPZB250 Datasheet HTML 8Page - STMicroelectronics SPZB250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
May 2010
Doc ID 13919 Rev 6
1/18
18
SPZB250
ZigBee® module
Features
■ Integrated 2.4 GHz, IEEE 802.15.4-compliant
transceiver, PHY and MAC
– 3 dBm nominal TX output power
– -95 dBm (typ) RX sensitivity
– + 5 dBm in boost mode
■ Integrated Murata antenna
■ 128 kb embedded Flash and 5 kb integrated
SRAM for program and data storage
■ 17 GPIO with alternate functions: GPIOs,
UART, I2C, SPI, ADC
■ 2 16-bit general purpose timers: one 16-bit
sleep timer
■ ADC, sigma-delta converter with 12-bit
resolution
■ On board 24 MHz stable crystal
■ Selectable integrated RC oscillator
(typ 10 kHz) or 32.768 kHz crystal for low
power operation
■ < 2 μA (typ) power consumption in deep sleep
mode
■ Watchdog timer and power on reset
■ Pins available for non-intrusive debug interface
(SIF)
■ Single supply voltage 2.1 to 3.6 Vdc
■ CE and FCC compliance. FCC ID:S9NZB250A
Applications
■ Industrial controls
■ Sensor networking
■ Monitoring of remote systems
■ Home applications
■ Security systems
■ Lighting controls
Description
SPZB250 is a low power consumption ZigBee®
module based on EM250 ZigBee® system-on-
chip which integrates a 16 bit processor together
with a 2.4 GHz, IEEE 802.15.4-compliant
transceiver as well as IEEE 802.15.4 PHY and
MAC. It enables OEMs to easily add wireless
networking capability to any electronic device.
Such a module is a very comprehensive solution
to build wireless sensors with meshing and self
healing capability as required in a WSN scenario.
24 MHz high stability crystal is integrated i
n the
module to perform the timing requirements as per
ZigBee® specifications. An additional
32.768 kHz crystal is provided for low power
operation.
To support user defined applications, a number of
peripherals such as GPIO, UART, I2C, ADC and
general purpose timers are available and user
selectable.
The deep sleep mode with power consumption
less than 2
μA (typ) allows the use in applications
where the battery life is a key constraint.
For other information and details, please refer to
EM250 datasheet available at the Ember
Corporation website.
www.st.com


Similar Part No. - SPZB250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPZB260 STMICROELECTRONICS-SPZB260 Datasheet
221Kb / 15P
ZigBee® module
19-Jan-2009
SPZB260-PRO STMICROELECTRONICS-SPZB260-PRO Datasheet
363Kb / 15P
ZigBee® module
22-Apr-2009
SPZB260ADP STMICROELECTRONICS-SPZB260ADP Datasheet
400Kb / 11P
Adapter board
18-Apr-2008
More results

Similar Description - SPZB250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520 TI-CC2520 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
STMicroelectronics
SN260 STMICROELECTRONICS-SN260 Datasheet
1Mb / 88P
ZigBee® 802.15.4 network processor
03-Dec-2007
logo
Texas Instruments
CC2480 TI-CC2480 Datasheet
691Kb / 44P
Z-Accel 2.4 GHz ZigBee짰 Processor
logo
STMicroelectronics
SPZB260 STMICROELECTRONICS-SPZB260 Datasheet
221Kb / 15P
ZigBee® module
19-Jan-2009
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2480A1 TI1-CC2480A1 Datasheet
953Kb / 48P
Z-Accel 2.4 GHz ZigBee짰 Processor
logo
STMicroelectronics
SPZB260-PRO STMICROELECTRONICS-SPZB260-PRO Datasheet
363Kb / 15P
ZigBee® module
22-Apr-2009
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L Datasheet
405Kb / 10P
SE2431L: 2.4 GHz ZigBee짰/802.15.4 Front-End Module
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Silicon Laboratories
SLWRB4150B SILABS-SLWRB4150B Datasheet
2Mb / 163P
EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com