Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPZB250 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPZB250
Description  ZigBee짰 module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB250 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPZB250 Datasheet HTML 5Page - STMicroelectronics SPZB250 Datasheet HTML 6Page - STMicroelectronics SPZB250 Datasheet HTML 7Page - STMicroelectronics SPZB250 Datasheet HTML 8Page - STMicroelectronics SPZB250 Datasheet HTML 9Page - STMicroelectronics SPZB250 Datasheet HTML 10Page - STMicroelectronics SPZB250 Datasheet HTML 11Page - STMicroelectronics SPZB250 Datasheet HTML 12Page - STMicroelectronics SPZB250 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SPZB250
Electrical characteristics
Doc ID 13919 Rev 6
9/18
5
Electrical characteristics
5.1
DC electrical characteristics
5.2
DC I/O specification
Table 4.
DC electrical characteristics
Symbol
Parameter
Conditions
Values
Unit
Min.
Typ.
Max.
IRX
RX current (boost mode)
Vdd = 3.0 V, T = 25 °C
-
38
mA
IRX
RX current (normal mode)
Vdd = 3.0 V, T = 25 °C
-
36
mA
ITX
TX current (boost mode)
Vdd = 3.0 V, T = 25 °C
-
42
mA
ITX
TX current (normal mode)
Vdd = 3.0 V, T = 25 °C
-
36
mA
IDS
Deep sleep current
(RC oscillator)
2.1 < Vdd < 3.6 V
T = 25 °C
-2
4
μA
IDS
Deep sleep current
(32.768 kHz oscillator)
2.1 < Vdd < 3.6 V
T = 25 °C
-2
4.5
μA
Table 5.
DC input / output specification
Symbol
Parameter
Conditions
Values
Unit
Min.
Typ.
Max.
VIL
Low level input voltage
2.1 < Vdd < 3.6 V
0
0.2 x Vdd
V
VIH
High level input voltage
2.1 < Vdd < 3.6 V
0.8 x Vdd
Vdd
V
Iil
Input current for logic 0
2.1 < Vdd < 3.6 V
-0.5
mA
Iih
Input current for logic 1
2.1 < Vdd < 3.6 V
0.5
mA
Ripu
Input pull-up resistor
30
kW
Ripd
Input pull-down resistor
30
kW
VOL
Low level output voltage
0
0.18 x Vdd
V
VOH
High level output voltage
0.82 x Vdd
Vdd
V
IOHS
Output source current (GPIO 12: 0)
4
mA
IOLS
Output sink current (GPIO 12: 0)
4
mA
IOHH
Output source current (GPIO 16: 13)
8
mA
IOLH
Output sink current (GPIO 16: 13)
8
mA
IOTot
Total output current for I/O
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com