Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPZB250 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPZB250
Description  ZigBee짰 module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB250 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPZB250 Datasheet HTML 6Page - STMicroelectronics SPZB250 Datasheet HTML 7Page - STMicroelectronics SPZB250 Datasheet HTML 8Page - STMicroelectronics SPZB250 Datasheet HTML 9Page - STMicroelectronics SPZB250 Datasheet HTML 10Page - STMicroelectronics SPZB250 Datasheet HTML 11Page - STMicroelectronics SPZB250 Datasheet HTML 12Page - STMicroelectronics SPZB250 Datasheet HTML 13Page - STMicroelectronics SPZB250 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical characteristics
SPZB250
10/18
Doc ID 13919 Rev 6
5.3
RF electrical characteristics
Table 6.
RF electrical characteristics
Symbol
Parameter
Conditions
Values
Unit
Min.
Typ.
Max.
Frequency range
2.1 < Vdd < 3.6 V
2405
2480
MHz
TX
Output power
Vdd = 3.0 V, F = 2450 MHz
3
dBm
RX
Sensitivity
Vdd = 3.0 V, 1% PER
-95
dBm
CFE
Carrier frequency error
Vdd = 3.0 V -20 / + 70 °C
-40
40
ppm
Error vector magnitude
Normal / boost mode
15
25
%
Adjacent channel rejection
+/- 5 MHz
+/- 10 MHZ
35
40
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com