Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPZB250 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPZB250
Description  ZigBee짰 module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB250 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPZB250 Datasheet HTML 10Page - STMicroelectronics SPZB250 Datasheet HTML 11Page - STMicroelectronics SPZB250 Datasheet HTML 12Page - STMicroelectronics SPZB250 Datasheet HTML 13Page - STMicroelectronics SPZB250 Datasheet HTML 14Page - STMicroelectronics SPZB250 Datasheet HTML 15Page - STMicroelectronics SPZB250 Datasheet HTML 16Page - STMicroelectronics SPZB250 Datasheet HTML 17Page - STMicroelectronics SPZB250 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
FCC statement
SPZB250
16/18
Doc ID 13919 Rev 6
7.
The modular transmitter must comply with any specific rule or operating requirements
applicable to the transmitter and the manufacturer must provide adequate instructions
along with the module to explain any such requirements:
The EUT is compliant with all applicable FCC rules. Detail instructions are given in the
product users guide.
8.
The modular transmitter must comply with any applicable RF exposure requirements.
●
Maximum measured power output: 3.08 mW
●
Maximum antenna gain: 0.6 dBi = numeric gain 1,148 (see also FCC test report)
Maximum permissible exposure defined in 47 CFR 1.1310: 1 mW/cm².
The RF module operates at low power level so it does not exceed the commission’s RF
exposure guidelines limits; furthermore, Spread spectrum transmitters operate according to
the section 15.247 are categorically excluded from routine environmental evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com