Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPZB250 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPZB250
Description  ZigBee짰 module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB250 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPZB250 Datasheet HTML 4Page - STMicroelectronics SPZB250 Datasheet HTML 5Page - STMicroelectronics SPZB250 Datasheet HTML 6Page - STMicroelectronics SPZB250 Datasheet HTML 7Page - STMicroelectronics SPZB250 Datasheet HTML 8Page - STMicroelectronics SPZB250 Datasheet HTML 9Page - STMicroelectronics SPZB250 Datasheet HTML 10Page - STMicroelectronics SPZB250 Datasheet HTML 11Page - STMicroelectronics SPZB250 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Maximum ratings
SPZB250
8/18
Doc ID 13919 Rev 6
4
Maximum ratings
4.1
Absolute maximum ratings
4.2
Operating ranges
Table 2.
Absolute maximum ratings
Symbol
Parameter
Values
Unit
Min.
Max.
VDD
Module supply voltage
-0.3
3.6
V
VIN
Input voltage on any digital pin
-0.3
Vdd+0.3
V
Tstg
Storage temperature
-40
+85
°C
Tsold
Soldering temperature < 10 s
240
Table 3.
Operating ranges
Symbol
Parameter
Conditions
Values
Unit
Min.
Typ.
Max.
VDD
Module supply voltage
- 40°C < T < 85 °C
2.1
3.3
3.6
V
Tstg
Operating ambient
temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com