Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD1020PDM6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCD1020PDM6F
Description  Multichannel clock distribution circuit
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1020PDM6F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCD1020PDM6F Datasheet HTML 2Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 3Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 4Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 5Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 6Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 7Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 8Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 9Page - STMicroelectronics STCD1020PDM6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Description
STCD1020, STCD1030, STCD1040
6/40
Doc ID 13823 Rev 6
1
Description
The STCD1020, STCD1030 and STCD1040 are 2, 3 or 4 outputs unity gain clock
distribution circuits, which are used to provide a common frequency clock to multimode
mobile RF applications. It can also be used for those baseband peripheral applications in a
mobile phone such as WLAN, Bluetooth, GPS and DVB-H as a clock reference. The
STCD1020, STCD1030 and STCD1040 isolate each device driven by their clock outputs
and minimize interference between the devices. Each of the clock buffers can be disabled to
lower the power consumption if the connected device does not need the clock. The
STCD1020, STCD1030 and STCD1040 accept commonly used mobile master clock
frequencies ranging from 10 MHz to 52 MHz.
The STCD1020, STCD1030 and STCD1040 are available in 2 mm x 2 mm 8-lead, 2 mm x
2.5 mm 10-lead and 2 mm x 3 mm 12-lead TDFN packages and can be operated with a
single 2.8 V (or 1.8 V) supply. The operating temperature is –40 °C to +85 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com